Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PLMX2624PAP/EM Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części PLMX2624PAP/EM
Szczegółowy opis  LMX2624-SP 5MHz to 30GHz Wideband Synthesizer With Phase Synchronization and JESD204B/C Support
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI2 [Texas Instruments]
Strona internetowa  https://www.ti.com
Logo TI2 - Texas Instruments

PLMX2624PAP/EM Arkusz danych(HTML) 3 Page - Texas Instruments

  PLMX2624PAP/EM Datasheet HTML 1Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 2Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 3Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 4Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 5Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 6Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 7Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 8Page - Texas Instruments PLMX2624PAP/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................4
5 Specifications.................................................................. 7
5.1 Absolute Maximum Ratings........................................ 7
5.2 ESD Ratings............................................................... 7
5.3 Recommended Operating Conditions.........................7
5.4 Thermal Information....................................................7
5.5 Electrical Characteristics.............................................8
5.6 Timing Requirements................................................12
5.7 Timing Diagrams.......................................................13
5.8 Typical Characteristics.............................................. 15
6 Detailed Description......................................................22
6.1 Overview................................................................... 22
6.2 Functional Block Diagram......................................... 23
6.3 Feature Description...................................................23
6.4 Treatment of Unused Pins........................................ 42
6.5 Programming............................................................ 44
7 Application and Implementation.................................. 77
7.1 Application Information............................................. 77
7.2 Typical Application.................................................... 78
7.3 Power Supply Recommendations.............................81
7.4 Layout....................................................................... 81
8 Device and Documentation Support............................83
8.1 Device Support......................................................... 83
8.2 Documentation Support............................................ 83
8.3 Receiving Notification of Documentation Updates....83
8.4 Support Resources................................................... 83
8.5 Trademarks...............................................................83
8.6 Electrostatic Discharge Caution................................83
8.7 Glossary....................................................................83
9 Revision History............................................................ 83
10 Mechanical, Packaging, and Orderable
Information.................................................................... 84
www.ti.com
LMX2624-SP
SNAS849B – DECEMBER 2024 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMX2624-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com