Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 10 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 10 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 6Page - OSRAM GmbH D7EST Datasheet HTML 7Page - OSRAM GmbH D7EST Datasheet HTML 8Page - OSRAM GmbH D7EST Datasheet HTML 9Page - OSRAM GmbH D7EST Datasheet HTML 10Page - OSRAM GmbH D7EST Datasheet HTML 11Page - OSRAM GmbH D7EST Datasheet HTML 12Page - OSRAM GmbH D7EST Datasheet HTML 13Page - OSRAM GmbH D7EST Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
1. General
9
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1.3.4 OSRAM DULUX® EL
ECONOMY
(Continued)
Reference
DEL
DEL
DEL
ECO
ECO
ECO
16 W
21 W
24 W
Fig.
3
3
3
Cold start (start without cathode preheating)
Yes
Yes
Yes
Power input (W)
16
21
24
Lamp current rms value (mA)
125
160
185
Peak value (mA)
390
510
560
Luminous flux (lm)
9001)
12001)
15001)
Luminous efficacy (lm/W)
56
57
62,5
Colour appearance
827
827
827
840
840
840
8601)
8601)
8601)
Colour rendering group
1B
1B
1B
Energy Label classification
A2)
BA
Length L1 (mm)
81,5
81,5
81,5
Length L2 (mm)
140±3
153,5±3
173±3
Diameter d (mm)
52
52
52
Weight (g)
85
88
92
Available with base
E27
E27
E27
B22d
B22d
B22d
Suitable for DC operation
No
No
No
Rated average life (h)
8000
8000
8000
1)
5 % less luminous flux for colour 860
2)
Colour 860, Energy Label B
40 W
60 W
75 W
100 W
120 W
©
8 W
© 12 W
© 16 W
© 21 W
© 24 W
3
d
ECONOMY
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com