Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 49 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 49 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 45Page - OSRAM GmbH D7EST Datasheet HTML 46Page - OSRAM GmbH D7EST Datasheet HTML 47Page - OSRAM GmbH D7EST Datasheet HTML 48Page - OSRAM GmbH D7EST Datasheet HTML 49Page - OSRAM GmbH D7EST Datasheet HTML 50Page - OSRAM GmbH D7EST Datasheet HTML 51Page - OSRAM GmbH D7EST Datasheet HTML 52Page - OSRAM GmbH D7EST Datasheet HTML 53Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
48
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
4.3
Disposal
4.4
Energy Efficiency
Index EEI
In Germany, discharge lamps that contain mercury are classified as waste requiring
special supervision (special waste) under the Closed Substance Cycle and Manage-
ment Act (Kreislaufwirtschaftsgesetz) and its provisions. This means that these lamps
have to be disposed of as special waste (EEC Code 060404 Waste containing
mercury), apart from small volumes in private households.
Private users should still dispose of their old fluorescent lamps (OSRAM DULUX® )
at local recycling centres or collection points.
European Directive 98/11/EC, Energy labelling of mains voltage household lamps:
The EEI (Energy Efficiency Index, e. g. EEI = A), also known as the „Energy Label“,
classifies lamps according to their energy efficiency (it does not relate to luminaires
however).
The seven classes are defined by certain limit values in light output relative to wattage.
Lamps in class A are the most efficient at converting electrical energy into light.
* Reflector lamps are excluded from the Energy Label.
B’ Candle version
Type
3W
5W
7W
8W 9W 10W 11W 12W 14W 15W 16W 20W 21W 23W 24W
OSRAM DULUX®EL
AAA
A
LONGLIFE E14
OSRAM DULUX®EL
LONGLIFE
A
A
A
A
A
A
E27/B22d
OSRAM DULUX®EL
LONGLIFE
B
A
A
B
A
A
CLASSIC A
B’
OSRAM DULUX®EL
LONGLIFE
B
B
GLOBE
OSRAM DULUX®EL
LONGLIFE
*
*
REFLEKTOR
OSRAM DULUX®EL
LONGLIFE
A
A
FACILITY
OSRAM DULUX®EL
LONGLIFE VARIO
A
OSRAM DULUX®EL
LONGLIFE
A
SENSOR Plus
OSRAM DULUX®EL
ECONOMY E14
A
A
OSRAM DULUX®EL
ECONOMY
A
A
A
B
A
E27/B22d
OSRAM DULUX®EL
ECONOMY
A
A
B’
A
A
CLASSIC A
B’
B’
OSRAM DULUX®EL
ECONOMY
BB
GLOBE
OSRAM CIRCOLUX®EL
A
4. OSRAM DULUX® EL and the environment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com