Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 40 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 40 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 36Page - OSRAM GmbH D7EST Datasheet HTML 37Page - OSRAM GmbH D7EST Datasheet HTML 38Page - OSRAM GmbH D7EST Datasheet HTML 39Page - OSRAM GmbH D7EST Datasheet HTML 40Page - OSRAM GmbH D7EST Datasheet HTML 41Page - OSRAM GmbH D7EST Datasheet HTML 42Page - OSRAM GmbH D7EST Datasheet HTML 43Page - OSRAM GmbH D7EST Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
39
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3.5.5 Operation on
switches with
load relief, spark
suppression or glow
lamps parallel
to the switch path
3.5.6 Operation on
motion detectors
3.5.7 Operation parallel
to uncorrected
CCG lamps
OSRAM DULUX® EL lamps cannot be operated on jumpered switches (even at high
resistance).
Because of the parallel path to the switch the OFF setting is never fully at high resi-
stance. If incandescent lamps are used this is of no importance. If however all the
incandescent lamps are replaced by OSRAM DULUX® EL lamps, then even small cur-
rents with the switch in the OFF setting will cause the high-impedance input circuit of
the OSRAM DULUX® EL to charge up until the threshold voltage at the electrolytic
capacitor for starting the HF generator is reached and the lamp consumes the energy
stored in the electrolytic capacitor in repeated attempts to start.
This leads to premature ageing and the brief weak flashes of light are irritating.
Necessary load relief elements have to be wired parallel to the load, and neon lamps
for illuminating the switches need to be connected parallel to the mains as permanent
lights or parallel to the load as signal lights.
OSRAM DULUX® EL lamps can be operated with motion detectors provided the
provisions of Section 3.5.4 (for the switching element of the motion detector) and
Section 3.5.5 (for any switch load relief elements parallel to the switch) are met.
If motion detectors are used in highly frequented areas, we recommend either setting
the ON time as long as possible to avoid unnecessary on/off switching or installing
OSRAM DULUX® EL FACILITY lamps.
For these applications the base down burning position is better than the base up posi-
tion because the ECG stays cooler and the PTC thermistor cools down faster ready for
the next gentle start (cf. Section 3.1).
If the lamps are used outdoors in conjunction with motion detectors, note that at
low temperatures low levels of luminous flux will be available immediately after the
lamp is switched on.
Again, the base down position is better (cf. 3.4.1).
If uncorrected conventional control gear is used (or highly inductive loads) a large
voltage surge may be generated when the control gear is switched off at maximum
current.
If an OSRAM DULUX® EL is connected in parallel on thee same circuit it will be
exposed to a large voltage surge which may destroy it ( see also Section 3.5.13).
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com