Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 42 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 42 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 38Page - OSRAM GmbH D7EST Datasheet HTML 39Page - OSRAM GmbH D7EST Datasheet HTML 40Page - OSRAM GmbH D7EST Datasheet HTML 41Page - OSRAM GmbH D7EST Datasheet HTML 42Page - OSRAM GmbH D7EST Datasheet HTML 43Page - OSRAM GmbH D7EST Datasheet HTML 44Page - OSRAM GmbH D7EST Datasheet HTML 45Page - OSRAM GmbH D7EST Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
41
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3.5.11 Mains current
harmonic content
3.5.12 RFI suppression
3.5.13 Resistance to
electro-magnetic
interference and
transient
overvoltages
3.5.14 Interference from
IR remote controls
3.5.15 Bases/holders
Since January 1, 2001 EN 61000-3-2 „Electromagnetic Compatibility (EMC)...“ is the
general standard for harmonic currents.
All OSRAM DULUX® EL and OSRAM CIRCOLUX® EL lamps comply with the
provisions of EN 61000-3-2.
All OSRAM DULUX® EL and OSRAM CIRCOLUX® EL lamps are RFI suppressed to
EN 55015 (identical to CISPR 15). Interference on the mains supply is prevented by the
interference suppression filter connected on the incoming side of the electronics.
All OSRAM DULUX® EL and OSRAM CIRCOLUX® EL lamps comply with the immunity
requirements defined in EN 61547 relating to external electromagnetic interference.
The discharge characteristics of fluorescent lamps means that a small amount of infra-
red radiation cannot be avoided. If conditions are less than ideal, particularly if the
lamps and the IR receiver are arranged too close to one another, this may lead to inter-
ference with IR remote controls. This also depends on the modulation of the radiation
emitted by the lamp (operating frequency of the ECG), the modulation frequency and
the coding of the signals used for IR signal transmission. The signal-to-noise ratio also
plays a role.
If interference occurs, we recommend moving the IR receiver out of the radiation range
of the lamp or by making sure it is not exposed to direct light.
The IEC has produced recommendations for avoiding such interference on IR signal
transmission equipment. Unfortunately, some old IR signal transmitters operated in
the same frequency range as the lamps (about 35 kHz).
OSRAM therefore increased the operating frequency of all OSRAM DULUX® EL
and OSRAM CIRCOLUX® EL lamps to more than 40 kHz to minimise the risk of inter-
ference.
The latest generation of IR controlled equipment is now making use of „intelligent“ IR
receivers that continue to operate correctly even if they receive IR interference.
OSRAM DULUX® EL LONGLIFE, OSRAM DULUX® EL ECONOMY and
OSRAM CIRCOLUX® EL lamps are equipped with E14 or E27 screw bases or with
B22d bayonet bases on request and will therefore fit in any standard incandescent
lamp fittings.
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com