Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 18 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 18 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 14Page - OSRAM GmbH D7EST Datasheet HTML 15Page - OSRAM GmbH D7EST Datasheet HTML 16Page - OSRAM GmbH D7EST Datasheet HTML 17Page - OSRAM GmbH D7EST Datasheet HTML 18Page - OSRAM GmbH D7EST Datasheet HTML 19Page - OSRAM GmbH D7EST Datasheet HTML 20Page - OSRAM GmbH D7EST Datasheet HTML 21Page - OSRAM GmbH D7EST Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
1. General
17
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1.3.9 OSRAM DULUX® EL
LONGLIFE
FACILITY
Use with stairwell lighting time switches:
The total power input of multiple OSRAM DULUX® EL FACILITY lamps should not
exceed 1/8 of the permitted incandescent lamp load. This value depends on the
switch design and cannot be applied to other types of energy saving lamp. In addition
to the switching load, the provisions of DIN 18015-2 must also be noted:
„…in the case of lighting systems in stairwells of multi-family residences, automatic
disconnection circuits must be equipped with a warning function (such as dimming of
the lights) to avoid sudden darkness“. The type and design of this warning function
have not been standardised.
Known designs:
• Warning function with reduced brightness (dimming): The dimming function is
generally achieved by half-wave rectification of the mains voltage. DEL FACILITY
is not suitable for this mode of operation.
• Warning signal provided by multiple (double) flashing (interruptions of the current)
before disconnection: The lamp is not likely to suffer damage. The warning signal is
noticeably changed by the preheating phase of the DEL FACILITY (approx. 0.4 s). If
there is an unsuitable pulse sequence the lamp may go off (at least 0.4 s for each
switching operation).
ON time:
For the benefit of the lamp, the ON time should not be less than 3 minutes.
Examples:
a) Incandescent lamp load for 2300 W cutout, the following can be connected:
OSRAM DULUX® EL FACILITY 28 x 10 W or 20 x 14 W
b) Incandescent lamp load for 1000 W cutout, the following can be connected:
OSRAM DULUX® EL FACILITY 13 x 10 W or 9 x 14 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com