| Zakładka z wyszukiwarką danych komponentów |
|
D7EST Arkusz danych(PDF) 20 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
D7EST Arkusz danych(HTML) 20 Page - OSRAM GmbH |
|
20 / 54 page ![]() 1. General OSRAM DULUX® EL – electronic energy saving lamps Economical alternatives to ordinary light bulbs Technical Guide 19 The high quality brand name compact fluorescent lamp with microprocessor technology and control based on ambient light. Operating principle: OSRAM DULUX® EL SENSOR Plus automatically switches on at dusk and off again at dawn. Two light sensors at the side continually measure the ambient light and determine the infra-red content of its spectral distribution; in this way the lamp is controlled according to available daylight (for details see how it works on page 20). • OSRAM DULUX® EL SENSOR Plus is not affected by its own light; the lamp offers all the comfort and economy features of OSRAM DULUX® EL LONGLIFE technology; the OSRAM DULUX IC (integrated circuit) ensures optimum operation • Simple „plug & play“installation for use in all standard fittings for incandescent lamps; may only be used outdoors in enclosed and ventilated luminaires • Automatic adjustment to ambient lighting conditions A setting controller, as on the predecessor model OSRAM DULUX® EL SENSOR, is not needed • The lamp indicates it is ready each time power is applied • Not suitable for DC operation, emergency lighting systems, dimmers or electronic switches 1.3.11 OSRAM DULUX® EL LONGLIFE SENSOR Plus Reference DEL 15 W SENSOR Plus Warm start (start with cathode preheating) Yes Power input (W) 15 Lamp current rms value (mA) 120 Peak value (mA) 360 Luminous flux (lm) 900 Luminous efficacy (lm/W) 60 Colour appearance 827 Colour rendering group 1B Energy Label classification A Length l1 (mm) 81,5 Length l2 (mm) 140±3 Diameter d (mm) 52 Weight (g) 95 Available with base E27, B22d Suitable for DC operation No Rated average life (h) 15000 © 15 W 75 W d LONGLIFE NEW |