Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 29 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 29 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 25Page - OSRAM GmbH D7EST Datasheet HTML 26Page - OSRAM GmbH D7EST Datasheet HTML 27Page - OSRAM GmbH D7EST Datasheet HTML 28Page - OSRAM GmbH D7EST Datasheet HTML 29Page - OSRAM GmbH D7EST Datasheet HTML 30Page - OSRAM GmbH D7EST Datasheet HTML 31Page - OSRAM GmbH D7EST Datasheet HTML 32Page - OSRAM GmbH D7EST Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
28
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3.
Lamp data and
lamp properties
3.1
Ignition properties/
start-up/
switching behaviour
Unless otherwise indicated, the following test conditions apply to all the technical data
specified in this document:
– Supply voltage 230 V/50 Hz
– Lamp installed (Base up), free burning
– Ambient temperature 25°C ± 1°C
For OSRAM DULUX® EL lamps, reliable starting is assured in the mains voltage range
from 198 V to 254 V and at temperatures from -30°C to +50°C, with the following
exceptions:
– OSRAM DULUX® EL LONGLIFE 3 W
from +5°C to +50°C
– OSRAM DULUX® EL LONGLIFE 5 W
from -20°C to +50°C
– OSRAM DULUX® EL VARIO
from +15°C to +50°C
– OSRAM DULUX® EL ECONOMY
from -15°C to +40°C
– OSRAM DULUX® EL ECONOMY CLASSIC
from -15°C to +40°C
– OSRAM DULUX® EL ECONOMY GLOBE
from -15°C to +40°C
– OSRAM CIRCOLUX® EL 24 W T5
from -10°C to +50°C
In contrast to fluorescent lamps with conventional control gear, OSRAM DULUX® EL
LONGLIFE lamps start without flickering in less than 1.5 s. This time is needed for
preheating the cathodes; at low temperatures this may take up to 2 s. Immediately
after starting, the lamp produces around 40 % of its rated luminous flux. At room
temperature (25°C) it then takes about 2 minutes for the lamp to reach 90 % of its
maximum luminous flux.
Thanks to this precise cathode preheating, controlled by the electronic circuitry, the
life of OSRAM DULUX® EL LONGLIFE lamps is not significantly affected by frequent
on/off switching. For a switching cycle of 30 s on/150 s off, an OSRAM DULUX® EL
LONGLIFE can handle more than 500000 switching operations in its lifetime.
The requirement here is that the lamp should remain off for at least two minutes
before being switched on again so that the PTC thermistor, which controls the starting
process in electronic control gear and which is hot while the lamp is in operation, can
cool down.
There will be a significant reduction in lamp life if this off time is consistantly less than
two minutes.
This does not apply to OSRAM DULUX® EL VARIO, OSRAM DULUX® EL SENSOR Plus
or OSRAM DULUX® EL FACILITY. These lamps can be switched on and off without
restriction. This makes the OSRAM DULUX® EL FACILITY ideal, for example, for
stairwell lighting with automatic switch off. If normal OSRAM DULUX® EL LONGLIFE
lamps are to be used for this purpose, we recommend switching over to continuous
light during the busy times morning and evening.
Because of their design (cold start within 0.2 s without cathode preheating), OSRAM
DULUX® EL ECONOMY lamps should not be used in lighting systems in which the
lamps are frequently switched on and off (e. g. stairwell lighting or motion detection
systems). For a switching cycle of 30 s on/30 s off, OSRAM DULUX® EL ECONOMY
lamps can handle more than 5000 switching operations; the average life is 8000 h for
a switching cycle of 165 s on/15 s off.
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com