Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 22 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 22 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 18Page - OSRAM GmbH D7EST Datasheet HTML 19Page - OSRAM GmbH D7EST Datasheet HTML 20Page - OSRAM GmbH D7EST Datasheet HTML 21Page - OSRAM GmbH D7EST Datasheet HTML 22Page - OSRAM GmbH D7EST Datasheet HTML 23Page - OSRAM GmbH D7EST Datasheet HTML 24Page - OSRAM GmbH D7EST Datasheet HTML 25Page - OSRAM GmbH D7EST Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
1. General
21
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
The brightest circular brand name compact fluorescent lamp.
• OSRAM CIRCOLUX® EL offers the same comfort and economy as
OSRAM DULUX® EL LONGLIFE with a lamp life of up to 12 years
(at around 3 hours a day).
• Thanks to its slim circular shape, OSRAM CIRCOLUX® EL is ideal for pendant
luminaires and offers uniform light distribution for general lighting applications
• Not suitable for DC operation, emergency lighting systems, dimmers, electronic
switches or motion detectors
1.3.12 OSRAM
CIRCOLUX® EL
LONGLIFE
Reference
CIRCO
EL 24 T5
Power input (W)
24
Warm start (start with cathode preheating)
Yes
Lamp current rms value (mA)
190
Peak value (mA)
570
Luminous flux (lm)
1700
Luminous efficacy (lm/W)
71
Colour appearance
827
840
Colour rendering group
1B
Energy Label classification
A
Length (mm)
99
Diameter d-max. (mm)
225
Tube diameter
T5 (16 mm)
Weight (g)
170
Available with base
E27
Suitable for DC operation
No
Rated average life (h)
15000
© 24 W
150 W
LONGLIFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com