Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 15 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 15 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 11Page - OSRAM GmbH D7EST Datasheet HTML 12Page - OSRAM GmbH D7EST Datasheet HTML 13Page - OSRAM GmbH D7EST Datasheet HTML 14Page - OSRAM GmbH D7EST Datasheet HTML 15Page - OSRAM GmbH D7EST Datasheet HTML 16Page - OSRAM GmbH D7EST Datasheet HTML 17Page - OSRAM GmbH D7EST Datasheet HTML 18Page - OSRAM GmbH D7EST Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
1. General
14
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1.3.7 OSRAM DULUX® EL
LONGLIFE
GLOBE
OSRAM DULUX® EL
ECONOMY
GLOBE
Reference
DEL
DEL
DEL
DEL
LL
LL
ECO
ECO
GL 15 W
GL 20 W
GL 16 W
GL 21 W
Warm start (start with cathode preheating)
Yes
Yes
No
No
Power input (W)
15
20
16
21
Lamp current rms value (mA)
120
160
125
170
Peak value (mA)
360
480
390
510
Luminous flux (lm)
7001)
11001)
700
1100
Luminous efficacy (lm/W)
47
55
44
52
Colour appearance
827
827
827
827
8601)
8601)
––
Colour rendering group
1B
1B
1B
1B
Energy Label classification
B
B
B
B
Length l (mm)
169±2
190±2
169±2
190±2
Diameter d (mm)
97
117
97
117
Weight (g)
150
155
150
155
Available with base
E27
E27
E27
E27
B22d
B22d
B22d
B22d
Suitable for DC operation
No
No
No
No
Rated average life (h)
15000
15000
8000
8000
1)
5 % less for colour 860
The high quality brand name compact fluorescent lamp with new, more decorative
large bulb.
• OSRAM DULUX® EL GLOBE has the same comfort and economy features as the
OSRAM DULUX® EL LONGLIFE and OSRAM DULUX® EL ECONOMY lamps with
6 or 12-years lamp life (at 3 h/day based on their specifications and requirements for
lamp life and on/off switching frequency)
• OSRAM DULUX® EL GLOBE offers pleasant glare-free light, uniform distribution of
the light and improved impact resistance (splinter protection) thanks to its plastic
bulb with locking feature (NEW)
• OSRAM DULUX® EL LONGLIFE GLOBE lamps are particularly suitable for use in
enclosed, ventilated and semi-open outdoor luminaires at low ambient temperatures
• Suitable, with restrictions, for use in open luminaires outdoors, provided there is no
possibility of moisture ingress (rain, splashwater, dew, etc.). Condensate can lead to
premature lamp failure; this is minimised by the new bulb locking feature
• Not suitable for DC operation, emergency lighting systems, dimmers, electronic
switches or motion detectors.
➤
➤
d
LONGLIFE
ECONOMY
75 W
100 W
© 15 W/16 W
© 20 W/21 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com