Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 23 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 23 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 19Page - OSRAM GmbH D7EST Datasheet HTML 20Page - OSRAM GmbH D7EST Datasheet HTML 21Page - OSRAM GmbH D7EST Datasheet HTML 22Page - OSRAM GmbH D7EST Datasheet HTML 23Page - OSRAM GmbH D7EST Datasheet HTML 24Page - OSRAM GmbH D7EST Datasheet HTML 25Page - OSRAM GmbH D7EST Datasheet HTML 26Page - OSRAM GmbH D7EST Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
1. General
22
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1.4
Economy
1.4.1 Comparison of
operating costs
OSRAM DULUX® EL consumes only about one fifth of the electricity of ordinary light
bulbs of comparable light output. These savings from low energy consumption is an
important aspect in cost/benefit analyses. In commercial applications, the price of the
lamps and their maintenance costs also play a role. A comparison between the opera-
ting costs of incandescent lamps and those of the OSRAM DULUX® EL range shows
that because of the lower electricity costs and longer life of OSRAM DULUX® EL lamps
there are considerable benefits despite the higher purchase price. What’s more, there
are savings in maintenance costs (labour costs for replacing lamps), which are much
higher for incandescent lamps because of their shorter life, and possible savings in air-
conditioning costs.
Table 1: Savings in operating costs with an OSRAM DULUX® EL LONGLIFE 15 W
compared with a 75 W light bulb
Fig. 1: Comparison of operating costs, price of electricity:
€ 0.13
Operating time
in years
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Cost in
€
Incandescent lamp 0.87 11.49 22.11 32.73 43.35 53.97 64.59 75.21 85.83 96.45 107.07 117.69 128.31 138.93 149.55 159.30
OSRAM DULUX EL 9.95 11.90 13.85 15.80 17.75 19.70 21.65 23.60 25.55 27.50 29.45 31.40 33.35 35.30 37.25 39.20
Lamp
OSRAM DULUX® EL
Incandescent
LONGLIFE
lamp
Power input
15 W
75 W
Quantity
1
15
Hours burned
15000 h
15000 h
Life/lamp
15000 h
1000 h
Electricity consumption over 15000 h
225 kWh
1125 kWh
Electricity costs at
€ 0.13/kWh
29.25
€
146.25
€
+ lamp price1)
9.95
€
13.05
€
(1 x 9.95
€)
(15 x 0.87
€)
= Total costs
39.20
€
159.30
€
Savings per OSRAM DULUX® EL LONGLIFE
120.10
€
–
1) Recommended retail price in Germany
200
180
160
140
120
100
80
60
40
20
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Glühlampe 75 W
DULUX EL 15 W
Ersparnis
Hours burned (1000)
Comparison of operating costs between an OSRAM DULUX® EL LL 15 W and a 75 W incandescent lamp
Incandescent
lamp 75 W
OSRAM DULUX®
EL 15 W
Savings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com