Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 33 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 33 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 29Page - OSRAM GmbH D7EST Datasheet HTML 30Page - OSRAM GmbH D7EST Datasheet HTML 31Page - OSRAM GmbH D7EST Datasheet HTML 32Page - OSRAM GmbH D7EST Datasheet HTML 33Page - OSRAM GmbH D7EST Datasheet HTML 34Page - OSRAM GmbH D7EST Datasheet HTML 35Page - OSRAM GmbH D7EST Datasheet HTML 36Page - OSRAM GmbH D7EST Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
32
3.4
Temperature
influences
3.4.1 Dependence on
burning positions
and temperatures
OSRAM DULUX® EL LONGLIFE, OSRAM DULUX® EL FACILITY and OSRAM DULUX® EL
SENSOR Plus can be used in a temperature range from -30°C to +50°C.
Exceptions:
OSRAM DULUX® EL LONGLIFE 3 W
from +5°C to +50°C
OSRAM DULUX® EL LONGLIFE 5 W
from -20°C to +50°C
OSRAM DULUX® EL VARIO
from +15°C to +50°C
OSRAM DULUX® EL ECONOMY
from -15°C to +40°C
OSRAM DULUX® EL ECONOMY CLASSIC
from -15°C to +40°C
OSRAM DULUX® EL ECONOMY GLOBE
from -15°C to +40°C
OSRAM CIRCOLUX® EL 24 W T5
from -10°C to +50°C
At lower temperatures than those specified the high starting voltage may destroy the
lamp. The thermal load on the components at temperatures above 50°C may lead to
the premature failure on the integrated electronic control gear.
The luminous flux of Hg low pressure discharge lamps such as the OSRAM DULUX® EL
is dependent on the mercury vapour pressure in the lamp and therefore on the tempe-
rature at the coolest point (cf. 2.1).
When OSRAM DULUX® EL lamps are used in the base up position, the bends in the
tubes act as cold spots. Optimum luminous flux is reached when these bends have a
temperature of 45°C. This is the case for base up and horizontal positions at an
ambient temperature of 20 to 25°C. In the base down position, the rising heat causes
cold spots (controlling the Hg vapour pressure) to form in the cylindrical part of the
discharge tube; the highest luminous flux in the base down position is reached when
the ambient temperature is around -5°C.
For free-burning lamps the ambient temperature corresponds to the room temperature.
If the lamps are operated in luminaires, the temperature in the immediate vicinity of the
lamp is crucial for the luminous flux.
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com