Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 36 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 36 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 32Page - OSRAM GmbH D7EST Datasheet HTML 33Page - OSRAM GmbH D7EST Datasheet HTML 34Page - OSRAM GmbH D7EST Datasheet HTML 35Page - OSRAM GmbH D7EST Datasheet HTML 36Page - OSRAM GmbH D7EST Datasheet HTML 37Page - OSRAM GmbH D7EST Datasheet HTML 38Page - OSRAM GmbH D7EST Datasheet HTML 39Page - OSRAM GmbH D7EST Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
35
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3.4.3 Notes on
luminaire design
Burning position
Because of the thermal conditions on the lamp there are significant differences in
the luminous flux/temperature curve for base down, base up and horizontal burning
positions (see 3.4.1). The base down position is recommended for all applications in
which low ambient temperatures are expected.
If lamps are to be installed in the base down position in outdoor luminaires it is
important to ensure that no water (e. g. condensate in the luminaire) can penetrate
into the electronic circuitry between the glass and the base casing. (cf. 3.8/Suitability
for outdoor applications)
3. Lamp data and lamp properties
3.5
Power supply
3.5.1 Dependence on
mains voltage and
mains frequency
OSRAM DULUX® EL lamps operate ideally on AC voltage in the range from 198 V to
254 V (according to DIN IEC 38).
The electrical data of lamps differs according to the mains voltage. The changes are
substantial in the case of an incandescent lamp, but minimal in the case of OSRAM
DULUX® EL.
As the voltage increases, the output and the luminous flux change very little (Fig. 14).
This behaviour is welcome in view of the frequent overvoltages in the mains supply.
Voltages up to 254 V have virtually no effect on the life of an OSRAM DULUX® EL
lamp, in contrast to the situation with incandescent lamps. The luminous efficacy of
OSRAM DULUX® EL lamps as a measure of the efficiency with which
electrical power is used is virtually unaffected by changes in the mains voltage in the
range of - 10 % to +10 %.
Fig. 14:
Electrical data as a function of the supply voltage
OSRAM DULUX® EL lamps can be operated at any standard mains frequency and are
largely unaffected by fluctuations in the mains frequency.
130
120
110
100
90
80
70
200
210
220
230
240
250
%
Versorgungsspannung
Lichtausbeute
Lichtstrom
Leistungsaufnahme
Luminous efficacy
Supply voltage V
Luminous
flux
Power
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com