Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 28 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 28 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 24Page - OSRAM GmbH D7EST Datasheet HTML 25Page - OSRAM GmbH D7EST Datasheet HTML 26Page - OSRAM GmbH D7EST Datasheet HTML 27Page - OSRAM GmbH D7EST Datasheet HTML 28Page - OSRAM GmbH D7EST Datasheet HTML 29Page - OSRAM GmbH D7EST Datasheet HTML 30Page - OSRAM GmbH D7EST Datasheet HTML 31Page - OSRAM GmbH D7EST Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
2. Function and technical design
27
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
2.2.2 Energy savings
thanks to electronic
control gear
(Continued)
Overall the power balance of fluorescent lamps with conventional control gear and
electronic control gear is as follows:
Fig. 5:
Power balance of a fluorescent lamp with a) conventional and
b) electronic control gear
Wärmeverlust durch:
18,3 % Vorschaltgerät
25,4 % Gasentladung
33,8 % Umsetzung der
UV-Strahlen im
Leuchtstoff
UV-Strahlung
56,3 %
100 %
Licht
2,4 %
Licht 22,5 %
20,1%
Conventional control gear
Wärmeverlust durch:
9,9 % Vorschaltgerät
20,7 % Gasentladung
41,6 % Umsetzung der
UV-Strahlen im
Leuchtstoff
UV-Strahlung
69,4 %
100 %
Licht
2,9 %
Licht 27,8 %
24,9%
Wärmeverlust durch:
9,9 % Vorschaltgerät
UV-Strahlung
69,4 %
20,7 % Gasentladung
41,6 % Umsetzung der
UV-Strahlen im
Leuchtstoff
100 %
Licht
2,9 %
Licht 27,8 %
24,9%
Electronic control gear
2.2.3 Visual comfort
The use of electronic control gear also brings photometric benefits that considerably
improve visual comfort.
Electrode flickering and luminous ripple, which are normal with conventional control
gear, cannot be perceived by the human eye at these high frequencies at which the
lamp is operated. The eye therefore does not tire as quickly and the light is more
comfortable.
a)
b)
Light
2.4 %
Light 23.5 %
Heat loss:
18.3 % control gear
25.4 % gas discharge
33.8 % Conversion of
UV radiation in
the phosphor
UV radiation
56.3 %
20.1 %
Light
2.9 %
Light 27.8 %
Heat loss:
9.9 %
control gear
20.7 % gas discharge
41.6 % Conversion of
UV radiation in
the phosphor
UV radiation
69.4 %
24.9 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com