Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 43 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 43 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 39Page - OSRAM GmbH D7EST Datasheet HTML 40Page - OSRAM GmbH D7EST Datasheet HTML 41Page - OSRAM GmbH D7EST Datasheet HTML 42Page - OSRAM GmbH D7EST Datasheet HTML 43Page - OSRAM GmbH D7EST Datasheet HTML 44Page - OSRAM GmbH D7EST Datasheet HTML 45Page - OSRAM GmbH D7EST Datasheet HTML 46Page - OSRAM GmbH D7EST Datasheet HTML 47Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
42
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3. Lamp data and lamp properties
3.6 Reduction in luminous
flux over time
Because of chemical changes in the phosphor and the glass the luminous flux of
an energy saving lamp will decrease with age. This reduced is around 30 % with
conventional phosphors and only around 25 to 27 % with the LUMILUX®
tri-phosphors used in all OSRAM DULUX® EL and OSRAM CIRCOLUX® EL lamps.
Fig. 15a:
Typical relationship between luminous flux and hours of operation for
OSRAM DULUX® EL LONGLIFE
Fig. 15b:
Typical relationship between luminous flux and hours of operation for
OSRAM DULUX® EL ECONOMY
100
90
80
70
60
50
40
30
20
10
0
0
3000
6000
9000
12000
15000
18000
1000
2000
4000 5000
7000 8000
10000 11000
13000 14000
16000 17000
100
90
80
70
60
50
40
30
20
10
0
0
3000
6000
9000
12000
15000
18000
1000
2000
4000 5000
7000 8000
10000 11000
13000 14000
16000 17000
Operating hours (h)
100
100
Decrease in luminous flux for OSRAM DULUX® EL LONGLIFE 7, 11, 15, 20 and 23 W
Operating hours (h)
Decrease in luminous flux for OSRAM DULUX® ECONOMY 8, 12, 16, 21 and 24 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com