Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D7EST Arkusz danych(PDF) 14 Page - OSRAM GmbH

Numer części D7EST
Szczegółowy opis  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7EST Arkusz danych(HTML) 14 Page - OSRAM GmbH

Back Button D7EST Datasheet HTML 10Page - OSRAM GmbH D7EST Datasheet HTML 11Page - OSRAM GmbH D7EST Datasheet HTML 12Page - OSRAM GmbH D7EST Datasheet HTML 13Page - OSRAM GmbH D7EST Datasheet HTML 14Page - OSRAM GmbH D7EST Datasheet HTML 15Page - OSRAM GmbH D7EST Datasheet HTML 16Page - OSRAM GmbH D7EST Datasheet HTML 17Page - OSRAM GmbH D7EST Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
1. General
13
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
© 5W
© 7W
© 9W
© 10 W
© 15 W
20 W
25 W
35 W
40 W
60 W
1
d
2
d
1.3.6 OSRAM DULUX® EL
ECONOMY
CLASSIC
(Continued)
Reference
DEL
DEL
DEL
CL B
CL A
CL A
ECO 9 W
ECO 10 W
ECO 15 W
Fig.
1
2
2
Warm start (start with cathode preheating)
Yes
Yes
Yes
Power input (W)
9
10
15
Lamp current rms value (mA)
70
80
120
Peak value (mA)
225
240
360
Luminous flux (lm)
340
500
800
Luminous efficacy (lm/W)
38
50
53
Colour appearance
827
827
827
Colour rendering group
1B
1B
1B
Energy Label classification
B
A
B
Length l (mm)
131±2
126,5±2
142,7±2
Diameter d (mm)
46
60
65
Weight (g)
70
80
100
Base
E14
E27
E27
B22d
B22d
Suitable for DC operation
No
No
No
Rated average life (h)
6000
6000
6000
ECONOMY
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com