| Zakładka z wyszukiwarką danych komponentów |
|
STLC5466 Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC5466 Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 130 page ![]() 5/130 STLC5466 VI.38 HDLC RECEIVE COMMAND REGISTER 2 ........................... HRCR2 (5A)H .....................65 VI.39 ADDRESS FIELD RECOGNITION ADDRESS REGISTER 2 AFRAR2 (5C)H ...................67 VI.40 ADDRESS FIELD RECOGNITION DATA REGISTER 2 ......... AFRDR2 (5E)H ...................67 VI.41 FILL CHARACTER REGISTER 2 ........................................... FCR2 (60)H ........................68 VI.42 SDRAM MODE REGISTER..................................................... SDRAMR (72)H ..................68 VI.43 INITIATE BLOCK ADDRESS REGISTER 2 ........................... IBAR2 (74)H .......................69 VI.44 TIMER REGISTER 2 ............................................................... TIMR2 (7C)H ......................70 VII EXTERNAL REGISTERS.....................................................................................................71 VII.1 INITIALIZATION BLOCK IN EXTERNAL MEMORY (IBA1 AND IBA2) 71 VII.2 RECEIVE DESCRIPTOR......................................................... 72 VII.2.1 Bits written by the Microprocessor only ...............................................................................72 VII.2.2 Bits written by the Rx DMAC only ........................................................................................72 VII.2.3 Receive Buffer .....................................................................................................................73 VII.3 TRANSMIT DESCRIPTOR ...................................................... ............................................73 VII.3.1 Bits written by the Microprocessor only ...............................................................................73 VII.3.2 Bits written by the Tx DMAC only ........................................................................................74 VII.3.3 Transmit Buffer ....................................................................................................................74 VII.4 RECEIVE & TRANSMIT HDLC FRAME INTERRUPT ............ ............................................75 VII.5 RECEIVE COMMAND / INDICATE INTERRUPT.................... ............................................76 VII.5.1 Receive Command / Indicate Interrupt when TSV = 0 .........................................................76 VII.5.2 Receive Command / Indicate Interrupt when TSV = 1 .........................................................77 VII.6 RECEIVE MONITOR INTERRUPT.......................................... ............................................77 VII.6.1 Receive Monitor Interrupt when TSV = 0 .............................................................................77 VII.6.2 Receive Monitor Interrupt when TSV = 1 .............................................................................78 VIII TQFP176 PACKAGE MECHANICAL DATA .......................................................................79 IX FIGURES AND TIMING........................................................................................................80 |