Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 48 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 48 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 44Page - STMicroelectronics ST25R200 Datasheet HTML 45Page - STMicroelectronics ST25R200 Datasheet HTML 46Page - STMicroelectronics ST25R200 Datasheet HTML 47Page - STMicroelectronics ST25R200 Datasheet HTML 48Page - STMicroelectronics ST25R200 Datasheet HTML 49Page - STMicroelectronics ST25R200 Datasheet HTML 50Page - STMicroelectronics ST25R200 Datasheet HTML 51Page - STMicroelectronics ST25R200 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
Bit
Name
Default
Function
Comment
3
emd_thld_ff
1
0: emd_thld applies for the error limit
1: emd_thld applies for the full frame
size
When disabled the emd_thld applies to the error location
independently of the full frame length
2
RFU
0
-
-
1
RFU
0
-
-
0
emd_en
0
0: Disable EMD suppression
1: Enable EMD suppression
-
5.14.27
EMD register 2
Address: 1Ah
Type: RW
Domain: RD
Table 42. EMD register 2
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
0
-
-
5
RFU
0
-
-
4
RFU
0
-
-
3
RFU
0
-
-
2
RFU
0
-
-
1
RFU
0
-
-
0
RFU
0
-
-
5.14.28
MRT SQT configuration register
Address: 1Bh
Type: RW
Domain: RD
Table 43. MRT SQT configuration register
Bit
Name
Default
Function
Comment
7
sq_del1
0
00: 18.88 μs
01: 37.76 μs
10: 75.52 μs
11: 151.04 μs
Defines the delay, in 18.88μs steps, of the
squelch enable, with respect to end of
transmission
6
sq_del0
0
5
mrt_step1
1
00: 16/fc (1.18 μs)
01: 32/fc (2.36 μs)
10: 64/fc (4.72 μs)
11: 512/fc (37.8 μs)
Selects the mask-receive timer step
4
mrt_step0
0
3
RFU
0
-
-
2
RFU
0
-
-
1
RFU
0
-
-
ST25R200
Application information
DS13658 - Rev 2
page 48/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com