Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 19 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 19 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 15Page - STMicroelectronics ST25R200 Datasheet HTML 16Page - STMicroelectronics ST25R200 Datasheet HTML 17Page - STMicroelectronics ST25R200 Datasheet HTML 18Page - STMicroelectronics ST25R200 Datasheet HTML 19Page - STMicroelectronics ST25R200 Datasheet HTML 20Page - STMicroelectronics ST25R200 Datasheet HTML 21Page - STMicroelectronics ST25R200 Datasheet HTML 22Page - STMicroelectronics ST25R200 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
Direct commands with immediate execution can be followed by another SPI mode (read, write, or FIFO) without
deactivating the BSS signal in between.
Figure 14. SPI communication: direct command chaining
BSS
DIRECT COMMAND
READ, WRITE or FIFO MODE
FIFO mode
Reading received data from the FIFO is similar to reading data from the addressable registers. Read and write
operations are performed by accessing the address 0x5F, resulting in 0x5F for a write operation and 0xDF for a
read operation.
Figure 15. SPI communication: writing bytes into FIFO
BSS
SCLK
MOSI
0
1
0
1
1
1
1
1
1 to 256
bytes
X
‘0’ Write
X
Start of
payload Data
0x5F FIFO
Figure 16. SPI communication: reading bytes from FIFO
BSS
SCLK
MOSI
1
1
0
1
1
1
1
1
1 to 256
bytes
X
tristate
tristate
MISO
0
SCLK rising edge
Data is moved
from FIFO
SCLK falling edge Data
is transfered to µC
‘1’ Read
0x5F FIFO
5.8.3
FIFO block
The ST25R200 features a 256 bytes FIFO. The control logic shifts the data during transmission, which was
previously loaded by the external host to the framing block and further to the transmitter. During reception, the
demodulated data is stored in the FIFO and the host can receive data at a later moment.
The FIFO status register 2 also contains two bits that indicate that the FIFO was not correctly served during the
transmission or reception process (FIFO overflow and FIFO underflow).
A FIFO overflow is set when too much data is written into the FIFO.
When this bit is set during Rx, the external controller did not react on time on the water level IRQ and more than
256 bytes were written into the FIFO. Consequently, the received data is corrupted.
When an overflow happens during transmission, it means that the controller has written more data than the FIFO
size. The data to be transmitted is corrupted.
ST25R200
Application information
DS13658 - Rev 2
page 19/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com