Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 61 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 61 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 57Page - STMicroelectronics ST25R200 Datasheet HTML 58Page - STMicroelectronics ST25R200 Datasheet HTML 59Page - STMicroelectronics ST25R200 Datasheet HTML 60Page - STMicroelectronics ST25R200 Datasheet HTML 61Page - STMicroelectronics ST25R200 Datasheet HTML 62Page - STMicroelectronics ST25R200 Datasheet HTML 63Page - STMicroelectronics ST25R200 Datasheet HTML 64Page - STMicroelectronics ST25R200 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
5.14.55
FIFO status register 1
Address: 36h
Type: RO
Domain: RD
Table 73. FIFO status register 1
Bit
Name
Default
Function
Comment
7
fifo_b7
0
Number of bytes in the FIFO (LSB)
fifo_b<8:0> valid range is from 0 to 256
6
fifo_b6
0
5
fifo_b5
0
4
fifo_b4
0
3
fifo_b3
0
2
fifo_b2
0
1
fifo_b1
0
0
fifo_b0
0
5.14.56
FIFO status register 2
Address: 37h
Type: RO
Domain: RD
Table 74. FIFO status register 2
Bit Name Default
Function
Comment
7
RFU
0
-
-
6
fifo_b8
0
Number of bytes in the FIFO (msb)
-
5
fifo_unf
0
FIFO underflow
-
4
fifo_ovr
0
FIFO overflow
-
3
fifo_lb2
0
Number of bits in the last FIFO
byte if it was not complete
The received bits are stored in the LSB part of the last byte in the
FIFO.
In case of I_hfe, fifo_lb<2:0> shall be disregarded.
2
fifo_lb1
0
1
fifo_lb0
0
0
np_lb
0
Parity bit is missing in last byte
Set if the last byte was complete with 8 data bits and only the
parity bit is missing.
In case of I_hfe, np_lb bit shall be disregarded.
ST25R200
Application information
DS13658 - Rev 2
page 61/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com