Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 7Page - STMicroelectronics ST25R200 Datasheet HTML 8Page - STMicroelectronics ST25R200 Datasheet HTML 9Page - STMicroelectronics ST25R200 Datasheet HTML 10Page - STMicroelectronics ST25R200 Datasheet HTML 11Page - STMicroelectronics ST25R200 Datasheet HTML 12Page - STMicroelectronics ST25R200 Datasheet HTML 13Page - STMicroelectronics ST25R200 Datasheet HTML 14Page - STMicroelectronics ST25R200 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
5
Application information
5.1
Operating modes
The device supports four operating modes:
Reset mode (RESET)
When the device is supplied and the RESET pin is high, the device is in reset mode. All blocks are
deactivated, no clock is present, and consumption is minimized.
Power-down mode (PD)
If the RESET pin is low at power-up, the device goes to power-down mode. In this mode, the AFE static
power consumption is very low, but SPI communication is possible as well as register access to those in
the PD domain.
Blocks that are active in PD mode:
VDD_D regulator (1 V) in low power mode
Registers in PD domain
Wake-up mode (WU)
Wake-up mode is controlled via the wu_en bit. In this mode, the device checks for a change in antenna
properties in regular time intervals and triggers an IRQ in case a change was detected.
Blocks that are active in WU mode:
VDD_D regulator (1 V) in low power mode
Registers in PD domain
RC oscillator
WU timer
IRQ
Ready mode (RD)
Ready mode is controlled by en bit. In this mode, the regulators and crystal oscillator are enabled and the
device is ready to transmit/receive.
Blocks that are active in RD mode:
VDD_D regulator (1 V) in normal power mode
All registers (both in PD and RD domain)
Main logic
VDD_A, VDD_DR, VDD_AM (depending on am_en bit) regulators
Crystal oscillator
IRQ
When RD mode is reached (by enabling en bit) the device issues an IRQ I_osc.
ST25R200
Application information
DS13658 - Rev 2
page 11/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com