Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 56 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 56 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 52Page - STMicroelectronics ST25R200 Datasheet HTML 53Page - STMicroelectronics ST25R200 Datasheet HTML 54Page - STMicroelectronics ST25R200 Datasheet HTML 55Page - STMicroelectronics ST25R200 Datasheet HTML 56Page - STMicroelectronics ST25R200 Datasheet HTML 57Page - STMicroelectronics ST25R200 Datasheet HTML 58Page - STMicroelectronics ST25R200 Datasheet HTML 59Page - STMicroelectronics ST25R200 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
5.14.43
I-Channel WU configuration register
Address: 2Ah
Type: RW
Domain: PD
Table 61. I-Channel WU configuration register
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
i_iirqm
0
0: Exclude the IRQ measurement
1: Include the IRQ measurement
Includes/excludes the measurement that
causes IRQ when auto-averaging is enabled
5
i_aaw1
0
00: 4
01: 8
10: 16
11: 32
Defines the weight of last measurement result for auto-
averaging
4
i_aaw0
0
3
RFU
0
-
-
2
i_tdi_en2
0
1: IRQ if i_adc > i_ref + i_diff
i_tdi_en<2:0> = 0 Wake-up I-channel disabled
1
i_tdi_en1
0
1: IRQ if i_ref - i_diff ≤ i_adc ≤ i_ref + i_diff
0
i_tdi_en0
0
1: IRQ if i_adc < i_ref - i_diff
5.14.44
I-Channel WU difference register
Address: 2Bh
Type: RW
Domain: PD
Table 62. I-Channel WU difference register
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
0
-
-
5
i_diff5
0
Defines the difference/delta from the reference that triggers an IRQ (unsigned)
Range: 0 to 63
-
4
i_diff4
0
3
i_diff3
0
2
i_diff2
0
1
i_diff1
0
0
i_diff0
0
ST25R200
Application information
DS13658 - Rev 2
page 56/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com