Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 62 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 62 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 58Page - STMicroelectronics ST25R200 Datasheet HTML 59Page - STMicroelectronics ST25R200 Datasheet HTML 60Page - STMicroelectronics ST25R200 Datasheet HTML 61Page - STMicroelectronics ST25R200 Datasheet HTML 62Page - STMicroelectronics ST25R200 Datasheet HTML 63Page - STMicroelectronics ST25R200 Datasheet HTML 64Page - STMicroelectronics ST25R200 Datasheet HTML 65Page - STMicroelectronics ST25R200 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 88 page
background image
5.14.57
Collision display register
Address: 38h
Type: RO
Domain: RD
Table 75. Collision display register
Bit
Name
Default
Function
Comment
7
c_byte3
0
Number of full bytes before
the bit collision was detected
Covers ISO14443A anticollision command. If collision (or framing error
interpreted as collision) happens in a longer frame, these are not set.
In the case of I_hfe, c_byte<3:0> and c_bit<2:0> shall be disregarded.
6
c_byte2
0
5
c_byte1
0
4
c_byte0
0
3
c_bit2
0
Number of bits before the
collision in the byte where
the collision was detected
2
c_bit1
0
1
c_bit0
0
0
c_pb
0
Collision in parity bit
This error is reported if the first detected collision is in a parity bit.
In the case of I_hfe, c_pb bit shall be disregarded.
5.14.58
IRQ mask register 1
Address: 39h
Type: RW
Domain: RD
Table 76. IRQ mask register 1
Bit
Name
Default
Function
Comment
7
M_subc_start
1
Mask IRQ due to subcarrier start
-
6
M_col
0
Mask IRQ due to bit collision
-
5
M_wl
0
Mask IRQ due FIFO water level
-
4
M_rx_rest
0
Mask IRQ due to automatic reception restart
-
3
M_rxe
0
Mask IRQ due to end of reception
-
2
M_rxs
0
Mask IRQ due to start of reception
-
1
M_txe
0
Mask IRQ due to end of transmission
-
0
RFU
0
-
-
ST25R200
Application information
DS13658 - Rev 2
page 62/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com