Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 38 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 38 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 34Page - STMicroelectronics ST25R200 Datasheet HTML 35Page - STMicroelectronics ST25R200 Datasheet HTML 36Page - STMicroelectronics ST25R200 Datasheet HTML 37Page - STMicroelectronics ST25R200 Datasheet HTML 38Page - STMicroelectronics ST25R200 Datasheet HTML 39Page - STMicroelectronics ST25R200 Datasheet HTML 40Page - STMicroelectronics ST25R200 Datasheet HTML 41Page - STMicroelectronics ST25R200 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
afe_gain_rw<3:0>
afe_gain_rw3
afe_gain_rw2
afe_gain_rw1
afe_gain_rw0
Total gain (dB)
7
0
1
1
1
25
8
1
0
0
0
22
9
1
0
0
1
19
10
1
0
1
0
16
11
1
0
1
1
13
12
1
1
0
0
10
13
1
1
0
1
7
14
1
1
1
0
4
15
1
1
1
1
1
Table 20. Gain in WU mode
afe_gain_td<3:0>
afe_gain_td3
afe_gain_td2
afe_gain_td1
afe_gain_td0
Total gain (dB)
0
0
0
0
0
26
1
0
0
0
1
23
2
0
0
1
0
20
3
0
0
1
1
17
4
0
1
0
0
14
5
0
1
0
1
11
6
0
1
1
0
8
7
0
1
1
1
5
8
1
0
0
0
2
9
1
0
0
1
-1
10
1
0
1
0
-4
11
1
0
1
1
-
12
1
1
0
0
-
13
1
1
0
1
-
14
1
1
1
0
-
15
1
1
1
1
-
5.14.9
Rx digital register
Address: 08h
Type: RW
Domain: RD
Table 21. Rx digital register
Bit
Name
Default
Function
Comment
7
agc_en
1
0: AGC disabled
1: AGC enabled
-
6
lpf_coef2
1
Digital IIR high pass filter 4th stage
-
5
lpf_coef1
0
4
lpf_coef0
0
3
hpf_coef1
1
Digital IIR high pass filter 5th stage
-
ST25R200
Application information
DS13658 - Rev 2
page 38/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com