Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 55 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 55 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 51Page - STMicroelectronics ST25R200 Datasheet HTML 52Page - STMicroelectronics ST25R200 Datasheet HTML 53Page - STMicroelectronics ST25R200 Datasheet HTML 54Page - STMicroelectronics ST25R200 Datasheet HTML 55Page - STMicroelectronics ST25R200 Datasheet HTML 56Page - STMicroelectronics ST25R200 Datasheet HTML 57Page - STMicroelectronics ST25R200 Datasheet HTML 58Page - STMicroelectronics ST25R200 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
wut<3:0>
wut3
wut2
wut1
wut0
Timeout (ms)(1)
9
1
0
0
1
212.7
10
1
0
1
0
309.3
11
1
0
1
1
425.3
12
1
1
0
0
618.6
13
1
1
0
1
850.6
14
1
1
1
0
1237.3
15
1
1
1
1
1701.2
1. RC oscillator nominal values, PVT variation up to ±30%.
5.14.42
Wake-up configuration register 2
Address: 29h
Type: RW
Domain: PD
Table 59. Wake-up configuration register 2
Bit
Name
Default
Function
Comment
7
skip_recal
0
1: Disable automatic recalibration
-
6
skip_cal
0
1: Disable automatic calibration at start
-
5
skip_twcal
0
1: Disable calibration deferment at start
-
4
skip_twref
0
1: Disable reference deferment at start
-
3
iq_aaref
0
1: Enable Auto Average reference for both I and Q channel
0: Manually defined reference for both I and Q channel
When iq_aaref = 1 the reference is
automatically obtained and registers
0x2D and 0x32 are read-only.
2
td_mf
0
Wake-up Measurement pulse length
(see Table 60)
-
1
td_mt1
0
0
td_mt0
0
Table 60. Measurement pulse length
td_mf
td_mt1
td_mt0
Measurement pulse (μs)
0
0
0
26.0
0
0
1
29.5
0
1
0
34.2
0
1
1
43.7
1
0
0
10.6
1
0
1
14.2
1
1
0
18.9
1
1
1
28.3
ST25R200
Application information
DS13658 - Rev 2
page 55/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com