Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 23 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 23 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 19Page - STMicroelectronics ST25R200 Datasheet HTML 20Page - STMicroelectronics ST25R200 Datasheet HTML 21Page - STMicroelectronics ST25R200 Datasheet HTML 22Page - STMicroelectronics ST25R200 Datasheet HTML 23Page - STMicroelectronics ST25R200 Datasheet HTML 24Page - STMicroelectronics ST25R200 Datasheet HTML 25Page - STMicroelectronics ST25R200 Datasheet HTML 26Page - STMicroelectronics ST25R200 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 88 page
background image
The position of the first bit collision detected is available in the collision register
The first parity bit is ignored in case the split happens within the byte
5.10.3
EMD handling
Several NFC standards require EMD handling in order to enhance the robustness of the contactless
communication between devices against electromagnetic disturbance. This handling shall be enabled at different
moments of the operation/protocol.
Automatic EMD handling can be enabled by bit emd_en. When enabled, the device monitors the reception, and if
certain errors (framing, parity, CRC, residual bits) are detected on a frame no bigger than emd_thld<3:0>, the
frame is disregarded, the receiver is re-enabled and ready to process an upcoming frame.
During reception, after IRQ I_rxs, if the conditions are met, an IRQ with the flag I_rx_rest is signaled, meaning
that an erroneous frame has been discarded and the receiver has been reset. Then, the device waits for another
incoming frame, which is normally processed by another reception (I_rxs followed I_rxe), or the expiration of the
NRT (I_nre). When EMD handling is enabled the NRT shall be set in nrt_emd mode.
Figure 20. Transceiver operation with EMD handling
RF field
Data
Tx Data
Rx Data
NRT
Rx Data
MRT
Receiver
I_txe
I_rxs I_rx_rest
Interrupts
I_nre
I_rxe
I_rxs
MS71327
5.11
Overshoot/undershoot protection
The overshoot/undershoot protection mechanism makes it possible to control the transmitting waveform during
challenging test conditions. This is accomplished by setting bit patterns in the corresponding registers that control
signals during the transition phase from modulated to unmodulated state and vice versa.
The operation of this mechanism is controlled by the overshoot/undershoot protection registers. The overshoot
mechanism is only effective when bits are written in ov_pattern<7:0>. Setting ov_pattern<7:0>=0 disables the
overshoot protection.
The overshoot mode has to be set in the control bits ov_tx_mode<1:0> and defines the drive level for the
complete bit pattern. Three modes are available:
ov_tx_mode<1:0> = 00: the transmitter outputs are driven with VDD_DR when the respective ov_pattern bit
is 1
ov_tx_mode<1:0> = 01: the transmitter outputs are driven with VDD_AM when the respective ov_pattern
bit is 1
ov_tx_mode<1:0> = 10: the transmitter outputs are stopped (like OOK pause) when the respective
ov_pattern bit is 1
The overshoot protection pattern ov_pattern<7:0> is output with the least significant bit (LSB) first. For the first
eight clock cycles after the transition from modulated to unmodulated state, each of the 8 bits of the overshoot
protection pattern specifies the driver configuration to apply. So, bit ov_pattern0 defines which driver configuration
to apply for the first clock cycle after the transition from modulated to unmodulated state, and ov_pattern7 defines
which driver configuration to apply for the eight clock cycle after the transition from modulated to unmodulated
state.
From the eighth clock cycle onwards, the settings from the Tx driver register are used.
The undershoot protection works in a similar manner for transitions from the unmodulated state of the carrier to
the modulated state of the carrier.
ST25R200
Application information
DS13658 - Rev 2
page 23/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com