Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 59 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 59 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 55Page - STMicroelectronics ST25R200 Datasheet HTML 56Page - STMicroelectronics ST25R200 Datasheet HTML 57Page - STMicroelectronics ST25R200 Datasheet HTML 58Page - STMicroelectronics ST25R200 Datasheet HTML 59Page - STMicroelectronics ST25R200 Datasheet HTML 60Page - STMicroelectronics ST25R200 Datasheet HTML 61Page - STMicroelectronics ST25R200 Datasheet HTML 62Page - STMicroelectronics ST25R200 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
5.14.50
Q-Channel WU display ADC register
Address: 31h
Type: RO
Domain: PD
Table 68. Q-Channel WU display ADC register
Bit
Name
Default
Function
Comment
7
q_adc7
0
8-bit signed ADC part
Range: -128 to 127
-
6
q_adc6
0
5
q_adc5
0
4
q_adc4
0
3
q_adc3
0
2
q_adc2
0
1
q_adc1
0
0
q_adc0
0
5.14.51
Q-Channel WU reference register
Address: 32h
Type: RO
Domain: PD
Table 69. Q-Channel WU reference register
Bit Name Default
Function
Comment
7
q_ref7
0
8-bit signed reference
Range: -128 to 127
If iq_aaref = 1 the reference is automatically calculated, and this register is RO.
When iq_aaref = 0 the reference shall be set manually, and this register
becomes RW
6
q_ref6
0
5
q_ref5
0
4
q_ref4
0
3
q_ref3
0
2
q_ref2
0
1
q_ref1
0
0
q_ref0
0
5.14.52
Q-Channel WU display calibration register
Address: 33h
Type: RO
Domain: PD
Table 70. Q-Channel WU display calibration register
Bit
Name
Default
Function
Comment
7
q_cal7
1
8-bit unsigned calibration result
-
6
q_cal6
0
5
q_cal5
0
4
q_cal4
0
3
q_cal3
0
ST25R200
Application information
DS13658 - Rev 2
page 59/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com