Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 26 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 26 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 22Page - STMicroelectronics ST25R200 Datasheet HTML 23Page - STMicroelectronics ST25R200 Datasheet HTML 24Page - STMicroelectronics ST25R200 Datasheet HTML 25Page - STMicroelectronics ST25R200 Datasheet HTML 26Page - STMicroelectronics ST25R200 Datasheet HTML 27Page - STMicroelectronics ST25R200 Datasheet HTML 28Page - STMicroelectronics ST25R200 Datasheet HTML 29Page - STMicroelectronics ST25R200 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
5.14
Registers
The 7-bit register addresses below are defined in hexadecimal notation. The possible addresses range from 00h
to 3Fh.
There are two types of registers available in the ST25R200:
•
Configuration registers
•
Display registers
Configuration registers can be read and written (RW) through the SPI and hold the device configuration.
Display registers are read only (R) and contain information about the device’s internal state.
Additionally, registers are grouped in two different power domains:
•
Power down (PD)
•
Ready (RD)
When the device is not in ready mode, only registers belonging to the PD domain can be accessed. In ready
mode all registers can be accessed.
Registers are set to their default state at power-up, reset and after execution of the direct command set default.
The bits set as RFU must be kept at their default values unless otherwise specified.
Table 5. Registers overview
Type
Address(hex)
Register name
Power domain
Operation
0
Operation
PD
Configuration
1
General
PD
2
Regulator
PD
3
Driver
PD
4
Tx mod 1
PD
5
Tx mod 2
PD
6
Rx path analog 1
PD
7
Rx path analog 2
PD
8
Rx path digital
RD
9
Correlator 1
RD
A
Correlator 2
RD
B
Correlator 3
RD
C
Correlator 4
RD
D
Correlator 5
RD
E
Correlator 6
RD
Display
F
Display 1
PD
10
Display 2
RD
11
Status
RD
Protocol
12
Protocol
RD
13
Protocol Tx 1
RD
14
Protocol Tx 2
RD
15
Protocol Tx 3
RD
16
Protocol Rx 1
RD
17
Protocol Rx 2
RD
18
Protocol Rx 3
RD
EMD
19
EMD 1
RD
1A
EMD 2
RD
ST25R200
Application information
DS13658 - Rev 2
page 26/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com