Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 74 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 74 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 70Page - STMicroelectronics ST25R200 Datasheet HTML 71Page - STMicroelectronics ST25R200 Datasheet HTML 72Page - STMicroelectronics ST25R200 Datasheet HTML 73Page - STMicroelectronics ST25R200 Datasheet HTML 74Page - STMicroelectronics ST25R200 Datasheet HTML 75Page - STMicroelectronics ST25R200 Datasheet HTML 76Page - STMicroelectronics ST25R200 Datasheet HTML 77Page - STMicroelectronics ST25R200 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
Table 93. Electrical characteristics (VDD = 3.3 V, VDD_IO = 3.3 V)
Symbol
Parameter
Conditions(1)
Min Typ Max Unit
IRESET Supply current in reset mode
Tjun = -40 °C to 25 °C (2)
-
0.15 1.2
μA
Tjun = 85 °C (2)(7)
-
0.6
5
Tjun = 125 °C(2)
-
5
24
IPD
Supply current in power-down mode
Tjun = -40 °C to 25 °C (3)
-
1.4
2.7
μA
Tjun = 85 °C(3)(7)
-
4.1
16
Tjun = 125 °C(3)
-
21
67
IWU
Supply current in wake up mode
Tjun = -40 °C to 25 °C(4)
-
2.0
4.5
μA
Tjun = 85 °C(4)(7)
-
4.5
17
Tjun = 125 °C (4)
-
21
68
IRD
Supply current in Ready mode
(5)
-
4.8
11
mA
IALL
Supply current all active
(6)
-
13
25
mA
RRFO
RFO1 and RFO2 driver output resistance
VRFO = 150 mV(7)
-
1.5
3
Ω
RRFI
RFI input resistance
(7)
8
11
15
kΩ
VPOR
Power on reset voltage
(7)
0.3 0.75 1.3
V
VAGD
AGD voltage
(5)
1.4
1.5
1.6
V
tRESET Time between RESET pin in high state to device reset
(7)
10
-
-
μs
tBOOT
Time between power On/RESET high-to-low transition and first
SPI operation
(7)
500
-
-
μs
1. The minimum and maximum values are tested in production at 25 °C, and other temperature values are evaluated by
characterization.
2. The registers are in the default state.
3. The register 01h is set to 04h (miso_pd1 enabled), and the other registers are in the default state.
4. The register 00h is set to 01h (wake-up enabled), register 01h is set to 04h (miso_pd1 enabled), and the other registers are
in default state.
5. The register 00h is set to 02h (Enabled), and the other registers are in the default state.
6. The register 00h is set to 3Ah (Enabled, VDD_AM enabled, Tx enabled, Rx enabled), the register 03h is set to 0Fh (RFO
segments disabled), and the other registers are in default state.
7. Evaluated by characterization - not tested in production.
ST25R200
Electrical characteristics
DS13658 - Rev 2
page 74/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com