Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 54 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 54 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 50Page - STMicroelectronics ST25R200 Datasheet HTML 51Page - STMicroelectronics ST25R200 Datasheet HTML 52Page - STMicroelectronics ST25R200 Datasheet HTML 53Page - STMicroelectronics ST25R200 Datasheet HTML 54Page - STMicroelectronics ST25R200 Datasheet HTML 55Page - STMicroelectronics ST25R200 Datasheet HTML 56Page - STMicroelectronics ST25R200 Datasheet HTML 57Page - STMicroelectronics ST25R200 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
5.14.40
Undershoot pattern register
Address: 27h
Type: RW
Domain: RD
Table 56. Undershoot pattern register
Bit
Name
Default
Function
Comment
7
un_pattern7
0
-
-
6
un_pattern6
0
-
-
5
un_pattern5
0
-
-
4
un_pattern4
0
-
-
3
un_pattern3
0
-
-
2
un_pattern2
0
-
-
1
un_pattern1
0
-
-
0
un_pattern0
0
-
-
5.14.41
Wake-up configuration register 1
Address: 28h
Type: RW
Domain: PD
Table 57. Wake-up configuration register 1
Bit
Name
Default
Function
Comment
7
wut3
0
Wake-up timer period/timeout value (See Table 58)
-
6
wut2
0
5
wut1
0
4
wut0
0
3
wuti
0
1: I_wut IRQ at every WU timeout
-
2
RFU
0
-
-
1
RFU
0
-
-
0
RFU
0
-
-
Table 58. Typical wake-up period/time
wut<3:0>
wut3
wut2
wut1
wut0
Timeout (ms)(1)
0
0
0
0
0
9.7
1
0
0
0
1
13.3
2
0
0
1
0
19.3
3
0
0
1
1
26.6
4
0
1
0
0
38.7
5
0
1
0
1
53.2
6
0
1
1
0
77.3
7
0
1
1
1
106.3
8
1
0
0
0
154.7
ST25R200
Application information
DS13658 - Rev 2
page 54/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com