Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 14 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 14 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 10Page - STMicroelectronics ST25R200 Datasheet HTML 11Page - STMicroelectronics ST25R200 Datasheet HTML 12Page - STMicroelectronics ST25R200 Datasheet HTML 13Page - STMicroelectronics ST25R200 Datasheet HTML 14Page - STMicroelectronics ST25R200 Datasheet HTML 15Page - STMicroelectronics ST25R200 Datasheet HTML 16Page - STMicroelectronics ST25R200 Datasheet HTML 17Page - STMicroelectronics ST25R200 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
Figure 7 details the building blocks of the ST25R200 power supply system. It contains three regulators, a
power
‑down support block, a block generating analog reference voltage (AGDC), and a block performing the
automatic power supply adjustment procedure. The three regulators are providing supply to analog blocks
(VDD_A), logic (VDD_D), and transmitter (VDD_DR).
VDD_A and VDD_D regulators
VDD_A and VDD_D regulators are used to supply the ST25R200 analog and digital blocks respectively.
In power
‑down and wake‑up modes, the VDD_D is in low power and is maintained by the power‑down support
block. In ready mode, the VDD_D is in normal mode and is supplied by the VDD_D regulator.
VDD_A is available in RD mode through the VDD_A regulator.
VDD_DR regulator
The purpose of this regulator is to improve the PSRR (power supply rejection ratio) of the transmitter (the noise of
the transmitter power supply is emitted and fed back to the receiver).
The VDD_DR regulator operation is controlled and observed by accessing three regulator registers: general
configuration, regulator configuration, and display register1.
Bit reg_s controls the regulator mode.
When the bit reg_s is asserted to 1, the regulated voltage is defined by the bits rege<4:0>.
If it is set to 0 (default state), the regulated voltage is expressed by a target drop from VDD defined in bits
regd<2:0> and by using direct command adjust regulators.
The regulated voltage adjustment range depends on the power supply.
The actual-regulated settings can be observed in bits regc<4:0>.
The VDD_DR regulator includes a current limiter that limits the regulator current to 250 mA in normal operation.
The bit i_lim is set when the VDD_DR regulator is in current limiting mode.
In power
‑down mode, the VDD_DR regulator is not operating. Output is connected to VDD through the 1 kΩ
resistor.
VDD_AM regulator
This regulator is used to support the transmitter AM modulation. Its output voltage is used as a transmitter supply
during the modulation phase. The output is internally connected to the transmitter. It requires decoupling
capacitors at the VDD_AM pin.
VDD_DR is used as a reference voltage, resulting in the correct VDD_AM voltage and modulation index across
the supply voltage range.
The output voltage and therefore the modulation setting is controlled by the am_mod<3:0> option bits from 8 to
55% in 16 steps.
In PD mode, the VDD_AM regulator is not operating. The VDD_AM pin is connected to the VDD through a 1 kΩ
resistor.
Note:
The actual modulation index may deviate from the target set by am_mod<3:0> when considerable RFO driver
resistance is added via d_res<3:0>.
5.4
Power-down support block
In PD mode the regulators are disabled to save current. In this mode, a low-power power
‑down support block
maintains the VDD_D.
5.5
Automatic adjust regulator circuit
The device has the capability to adjust the VDD_DR (and VDD_A) regulator voltage drop to a defined target drop.
Using this method, the PSRR is optimized and the maximum available driver supply is used. The adjustment
procedure is detailed in Section 5.15.5: Adjust regulators.
ST25R200
Application information
DS13658 - Rev 2
page 14/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com