Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 60 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 60 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 56Page - STMicroelectronics ST25R200 Datasheet HTML 57Page - STMicroelectronics ST25R200 Datasheet HTML 58Page - STMicroelectronics ST25R200 Datasheet HTML 59Page - STMicroelectronics ST25R200 Datasheet HTML 60Page - STMicroelectronics ST25R200 Datasheet HTML 61Page - STMicroelectronics ST25R200 Datasheet HTML 62Page - STMicroelectronics ST25R200 Datasheet HTML 63Page - STMicroelectronics ST25R200 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 88 page
background image
Bit
Name
Default
Function
Comment
2
8-bit unsigned calibration result
-
q_cal2
0
1
q_cal1
0
0
q_cal0
0
5.14.53
TX frame register 1
Address: 34h
Type: RW
Domain: RD
Table 71. TX frame register 1
Bit
Name
Default
Function
Comment
7
ntx12
0
Number of full bytes to be transmitted (msb)
-
6
ntx11
0
5
ntx10
0
4
ntx9
0
3
ntx8
0
2
ntx7
0
1
ntx6
0
0
ntx5
0
5.14.54
Tx frame register 2
Address: 35h
Type: RW
Domain: RD
Table 72. Tx frame register 2
Bit Name Default
Function
Comment
7
ntx4
0
Number of full bytes to be transmitted (lsb)
-
6
ntx3
0
5
ntx2
0
4
ntx1
0
3
ntx0
0
2
nbtx2
0
Number of bits to transmit after the last full byte.
nbtx<2:0>=0 only full bytes to be transmitted.
Bit transmission starts from LSB. Applicable for
ISO14443A:
bit oriented anticollision frame in case the last
byte is a split byte
Tx is done without parity bit generation
1
nbtx1
0
0
nbtx0
0
ST25R200
Application information
DS13658 - Rev 2
page 60/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com