Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST25R200 Arkusz danych(PDF) 42 Page - STMicroelectronics

Numer części ST25R200
Szczegółowy opis  NFC/HF RFID reader IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R200 Arkusz danych(HTML) 42 Page - STMicroelectronics

Back Button ST25R200 Datasheet HTML 38Page - STMicroelectronics ST25R200 Datasheet HTML 39Page - STMicroelectronics ST25R200 Datasheet HTML 40Page - STMicroelectronics ST25R200 Datasheet HTML 41Page - STMicroelectronics ST25R200 Datasheet HTML 42Page - STMicroelectronics ST25R200 Datasheet HTML 43Page - STMicroelectronics ST25R200 Datasheet HTML 44Page - STMicroelectronics ST25R200 Datasheet HTML 45Page - STMicroelectronics ST25R200 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 88 page
background image
5.14.17
Display register 2
Address: 10h
Type: RO
Domain: RD
Table 29. Display register 2
Bit
Name
Default
Function
Comment
7
RFU
0
-
-
6
RFU
0
-
-
5
RFU
0
-
-
4
RFU
0
-
-
3
afe_gain3
0
Actual gain used during reception (after Squelch and
AGC operation)
Valid until a following reception is started
(rx_on)
2
afe_gain2
0
1
afe_gain1
0
0
afe_gain0
0
5.14.18
Status register
Address: 11h
Type: RO
Domain: RD
Table 30. Status register 2
Bit
Name
Default
Function
Comment
7
subc_on
0
1: Subcarrier detected
-
6
gpt_on
0
1: General purpose timer is running
-
5
nrt_on
0
1: No-response timer is running
-
4
mrt_on
0
1: Mask receive timer is running
-
3
rx_act
0
1: Receive decoder is receiving a message
-
2
rx_on
0
1: Receive decoder is enabled
-
1
tx_on
0
1: Transmission is active
-
0
RFU
0
-
-
ST25R200
Application information
DS13658 - Rev 2
page 42/88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com