Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 149 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 149 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 145Page - STMicroelectronics STM32H562AI Datasheet HTML 146Page - STMicroelectronics STM32H562AI Datasheet HTML 147Page - STMicroelectronics STM32H562AI Datasheet HTML 148Page - STMicroelectronics STM32H562AI Datasheet HTML 149Page - STMicroelectronics STM32H562AI Datasheet HTML 150Page - STMicroelectronics STM32H562AI Datasheet HTML 151Page - STMicroelectronics STM32H562AI Datasheet HTML 152Page - STMicroelectronics STM32H562AI Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 270 page
background image
DS14258 Rev 5
149/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
Note:
For information on selecting the crystal, refer to AN2867 “Guidelines for oscillator design on
STM8AF/AL/S and STM32 MCUs/MPUs” available from www.st.com.
Figure 28. Low-speed external clock source AC timing diagram
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 4 to 50 MHz crystal/ceramic
resonator oscillator.
All the information given in this paragraph are based on characterization results obtained
with typical external components specified in Table 42. In the application, the resonator and
the load capacitors must be placed as close as possible to the oscillator pins to minimize
output distortion and startup stabilization time. Refer to the crystal resonator manufacturer
for more details on the resonator characteristics (frequency, package, accuracy).
tw(LSEH)/tw(LSEL)
Digital OSC_IN input high
or low time
External digital clock
250
-
-
ns
Visw_H
Analog low-swing OSC_IN
high-level voltage
External analog low swing
clock
0.6
-
1.225
V
Visw_L
Analog low-swing OSC_IN
low-level voltage
0.35
-
0.8
ViswLSE
(VLSEH -VLSEL)
Analog low-swing OSC_IN
peak-to-peak amplitude
0.5
-
0.875
DuCyLSE
Analog low-swing OSC_IN
duty cycle
45
50
55
%
tr(LSE)/tf(LSE)
Analog low-swing OSC_IN
rise and fall times
External analog low swing
clock, 10% to 90%
-
100
200
ns
1. Specified by design - Not tested in production.
Table 41. Low-speed external user clock characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ai17529b
OSC32_IN
External
STM32
clock source
VLSEH
tf(LSE)
tW(LSE)
IL
90%
10 %
TLSE
t
tr(LSE)
tW(LSE)
fLSE_ext
VLSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com