Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 151 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 151 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 147Page - STMicroelectronics STM32H562AI Datasheet HTML 148Page - STMicroelectronics STM32H562AI Datasheet HTML 149Page - STMicroelectronics STM32H562AI Datasheet HTML 150Page - STMicroelectronics STM32H562AI Datasheet HTML 151Page - STMicroelectronics STM32H562AI Datasheet HTML 152Page - STMicroelectronics STM32H562AI Datasheet HTML 153Page - STMicroelectronics STM32H562AI Datasheet HTML 154Page - STMicroelectronics STM32H562AI Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 270 page
background image
DS14258 Rev 5
151/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
manufacturer for more details on the resonator characteristics (frequency, package,
accuracy).
Note:
For information on selecting the crystal, refer to AN2867 “Guidelines for oscillator design on
STM8AF/AL/S and STM32 MCUs/MPUs”, available from www.st.com.
Figure 30. Typical application with a 32.768 kHz crystal
Note:
An external resistor is not required between OSC32_IN and OSC32_OUT, and it is
forbidden to add one.
Table 43. Low-speed external user clock characteristics(1)
Symbol
Parameter
Conditions(2)
Min
Typ
Max
Unit
F
Oscillator frequency
-
-
32.768
-
kHz
IDD
LSE current consumption
LSEDRV[1:0] = 00
Low drive capability
-246
-
nA
LSEDRV[1:0] = 01
Medium low drive capability
-333
-
LSEDRV[1:0] = 10
Medium high drive capability
-462
-
LSEDRV[1:0] = 11
High drive capability
-747
-
Gmcritmax
Maximum critical crystal
gm
LSEDRV[1:0] = 00
Low drive capability
--
0.5
µA/V
LSEDRV[1:0] = 01
Medium low drive capability
-
-
0.75
LSEDRV[1:0] = 10
Medium high drive capability
--
1.7
LSEDRV[1:0] = 11
High drive capability
--
2.7
tSU(LSE)(3) Startup time
VDD is stabilized
-
2
-
s
1. Specified by design - Not tested in production.
2. Refer to the note and caution paragraphs below the table, and to AN2867 “Guidelines for oscillator design
on STM8AF/AL/S and STM32 MCUs/MPUs”.
3.
tSU(LSE) is the startup time measured from the moment it is enabled (by software) to when a stabilized
32.768 kHz oscillation is reached. This value is measured for a standard crystal and can vary significantly
with the crystal manufacturer
ai17531d
STM32
OSC32_OUT
fLSE
CL1
RF
32.768 kHz
resonator
Bias
controlled
gain
OSC32_IN
CL2
Resonator with
integrated
capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com