Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 152 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 152 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 148Page - STMicroelectronics STM32H562AI Datasheet HTML 149Page - STMicroelectronics STM32H562AI Datasheet HTML 150Page - STMicroelectronics STM32H562AI Datasheet HTML 151Page - STMicroelectronics STM32H562AI Datasheet HTML 152Page - STMicroelectronics STM32H562AI Datasheet HTML 153Page - STMicroelectronics STM32H562AI Datasheet HTML 154Page - STMicroelectronics STM32H562AI Datasheet HTML 155Page - STMicroelectronics STM32H562AI Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
152/270
DS14258 Rev 5
5.3.9
Internal clock source characteristics
The parameters given in Table 44 to Table 47 are derived from tests performed under
ambient temperature and VDD supply voltage conditions summarized in Table 20.
48 MHz high-speed internal RC oscillator (HSI48)
64 MHz high-speed internal RC oscillator (HSI)
Table 44. HSI48 oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI48
HSI48 frequency
VDD = 3.3 V, TJ= 30 °C 47.5(1)
48
48.5(1) MHz
TRIM(3)
User trimming step
-
-
0.175
0.250
%
USER TRIM
COVERAGE(2)
User trimming coverage
±32 steps
±4.70
±5.6
-
DuCy(HSI48)(3)
Duty cycle
-
45
-
55
%
ACCHSI48_REL(3)
Accuracy of the HSI48 oscillator over
temperature (reference is 30 °C)
TJ = -40 to 130 °C
-4.5
-
4
%
∆VDD(HSI48)
HSI48 oscillator frequency drift with
VDD (reference is 3.3 V)
VDD = 3.0 to 3.6 V
-
0.025
0.05
%
VDD = 1.71 to 3.6 V
-
0.05
0.1
tsu(HSI48)(3)
HSI48 oscillator start-up time
-
-
2.1
4.0
μs
IDD(HSI48)(3)
HSI48 oscillator power consumption
-
-
350
400
μA
NT jitter(3)
Next transition jitter accumulated
jitter on 28 cycles
--
±0.15
-
ns
PT jitter(3)
Paired transition jitter accumulated
jitter on 56 cycles(4)
--
±0.25
-
1. Calibrated during manufacturing tests.
2. Evaluated by characterization - Not tested in production.
3. Specified by design - Not tested in production.
4. Jitter measurements are performed without clock sources activated in parallel.
Table 45. HSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
VDD = 3.3 V, TJ = 30 °C
63.7(2) 64.0(2) 64.3(2) MHz
TRIM
User trimming step
Trimming is not a multiple of 32(3)
-
0.24
0.32
%
Trimming is 128, 256, and 384(3)
-5.2
-1.8
-
Trimming is 64, 192, 320, and 488(3)
-1.4
-0.8
-
Other trimmings are multiples of 32 (not
including multiples of 64 and 128)(3)
-0.6
-0.25
-
DuCy(HSI) Duty cycle
-
45
-
55
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com