Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 153 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 153 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 149Page - STMicroelectronics STM32H562AI Datasheet HTML 150Page - STMicroelectronics STM32H562AI Datasheet HTML 151Page - STMicroelectronics STM32H562AI Datasheet HTML 152Page - STMicroelectronics STM32H562AI Datasheet HTML 153Page - STMicroelectronics STM32H562AI Datasheet HTML 154Page - STMicroelectronics STM32H562AI Datasheet HTML 155Page - STMicroelectronics STM32H562AI Datasheet HTML 156Page - STMicroelectronics STM32H562AI Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 270 page
background image
DS14258 Rev 5
153/270
STM32H562xx and STM32H563xx
Electrical characteristics
238
4 MHz low-power internal RC oscillator (CSI)
∆VDD(HSI)
Frequency drift with VDD
(reference is 3.3 V)
VDD= 1.71 to 3.6 V
-0.12
-
0.03
%
∆TEMP(HSI)
Frequency drift with VDD
(reference is 64 MHz)
TJ= -20 to 105 °C
-1(4)
-1(4)
TJ= -40 to 130 °C
-2(4)
-1(4)
tsu(HSI)
Start-up time
-
-
1.4
2.0
μs
tstab(HSI) Stabilization time
At 1% of target frequency
-
4
8
μs
At 1% of target frequency
-
-
4
IDD(HSI)
Power consumption
-
-
300
450
μA
1. Specified by design - Not tested in production, unless otherwise specified.
2. Calibrated during manufacturing tests.
3. Trimming value of HSICAL[8:0].
4. Guaranteed by characterization - Not tested in production.
Table 45. HSI oscillator characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 46. CSI oscillator characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCSI
Frequency
VDD = 3.3 V, TJ = 30 °C
3.96(2)
44.04(2)
MHz
TRIM
User trimming step
Trimming is not a multiple of 16
-
0.40
0.75
%
Trimming is not a multiple of 32
-4.75
-2.75
0.75
Other trimmings are a multiple of 32
(not including multiples of 64 and 128)
-0.43
0.00
0.75
DuCy(CSI)
Duty cycle
-
45
-
55
%
∆TEMP(CSI)
Frequency drift over
temperature
TJ= 0 to 85 °C
-3.7(3)
-4.5(3)
%
TJ= -40 to TJ = 130 °C
-11(3)
-7.5(3)
%
∆VDD(CSI)
Frequency drift over VDD VDD= 1.71 to 3.6 V
-0.06
-
0.06
%
tsu(CSI)
Start-up time
-
-
1
2
μs
tstab(CSI)
Stabilization time
(to reach ± 3% of fCSI)
-
-
-
4
cycle
IDD(CSI)
Power consumption
-
-
23
30
μA
1. Specified by design - Not tested in production, unless otherwise specified.
2. Calibrated during manufacturing tests.
3. Evaluated by characterization - Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com