Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32H562AI Arkusz danych(PDF) 154 Page - STMicroelectronics

Numer części STM32H562AI
Szczegółowy opis  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562AI Arkusz danych(HTML) 154 Page - STMicroelectronics

Back Button STM32H562AI Datasheet HTML 150Page - STMicroelectronics STM32H562AI Datasheet HTML 151Page - STMicroelectronics STM32H562AI Datasheet HTML 152Page - STMicroelectronics STM32H562AI Datasheet HTML 153Page - STMicroelectronics STM32H562AI Datasheet HTML 154Page - STMicroelectronics STM32H562AI Datasheet HTML 155Page - STMicroelectronics STM32H562AI Datasheet HTML 156Page - STMicroelectronics STM32H562AI Datasheet HTML 157Page - STMicroelectronics STM32H562AI Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 270 page
background image
Electrical characteristics
STM32H562xx and STM32H563xx
154/270
DS14258 Rev 5
Low-speed internal (LSI) RC oscillator
5.3.10
PLL characteristics
The parameters given in Table 48 are derived from tests performed under temperature and
VDD supply voltage conditions summarized in Table 20.
Table 47. LSI oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fLSI
Frequency
VDD = 3.3 V, TJ = 25 °C
31.4(1)
32
32.6(1)
kHz
TJ = -40 to 110 °C, VDD =1.71 to 3.6 V
29.76(2)
-33.6(2)
TJ = -40 to 130 °C, VDD =1.71 to 3.6 V
29.4(2)
-33.6(2)
tsu(LSI)(3)
Start-up time
-
-
80
130
μs
tstab(LSI)(3)
Stabilization time
(5% of final value)
-
-
120
170
IDD(LSI)(3) Power consumption
-
-
130
280
nA
1. Calibrated during manufacturing tests.
2. Evaluated by characterization - Not tested in production.
3. Specified by design - Not tested in production.
Table 48. PLL characteristics (wide VCO frequency range)(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
-
2
-
16
MHz
PLL input clock duty cycle
-
10
-
90
%
fPLL_P_OUT
PLL multiplier output clock
P, Q, R
VOS0
1
-
250(2)
MHz
VOS1
1
-
200(2)
VOS2
1
-
150(2)
VOS3
1
-
100(2)
fVCO_OUT PLL VCO output
-
128
-
560(2)
tLOCK
PLL lock time
Normal mode
-
45
100(3)
μs
Sigma-delta mode (fPLL_IN ≥ 8 MHz)
-
60
120(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com