Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 46 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 46 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 42Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 43Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 44Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 45Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 46Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 47Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 48Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 49Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
46
6.14
Reset Circuitry
The reset input pin RSTIN is connected to a Schmitt trigger for noise
reduction (see Figure 46). Is the HF-oscillator selected a Reset is
accomplished by holding the RSTIN pin HIGH for at least 2 machine
cycles (24 system clock periods). Is the PLL-oscillator selected the
RSTIN-pulse must have a width of 1
µs at least, independent of the
32 kHz-oscillator is running or not (see PLL description). The CPU
responds by executing an internal reset. The RSTOUT pin
represents the signal resetting the CPU and can be used to reset
peripheral devices.
The RSTOUT level also could be high due to a Watchdog timer
overflow.
The length of the output pulse from T3 is 3 machine cycles. A pulse
of such short duration is necessary in order to recover from a
processor or system fault as fast as possible.
During Reset, ALE and PSEN output a HIGH level. In order to
perform a correct reset, this level must not be affected by external
elements.
A Reset leaves the internal registers as shown in Table 5.
The internal RAM is not affected by Reset. At power-on, the RAM
content is indeterminate.
6.15
Power-on Reset
An automatic Reset can be obtained by switching on VDD, if the
RSTIN pin is connected to VDD via a capacitor, as shown in
Figure 47.
Is the HF oscillator selected the VDD rise time must not exceed 10
ms and the capacitor should be at least 2.2
µF. The decrease of the
RSTIN pin voltage depends on the capacitor and the internal resistor
RRST. That voltage must remain above the lower threshold for at
minimum the HF-oscillator start-up time plus 2 machine cycles. Is
the PLL-oscillator selected a 0.1
µF capacitor is sufficient to obtain
an automatic reset.
8xCE558
VDD
RST
RRST
HF-Osc.:
2.2
µF
VDD
Figure 46. On-chip Reset Configuration
RRST
RSTIN
Schmitt
Trigger
On-chip
resistor
Overflow
timer T3
Figure 47. Power-on Reset
MUX
RSTOUT
Internal
Reset
SELXTAL1
PLL-Osc.: 0.1
µF
PLL
OSC
Capacitor for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com