Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 7Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 8Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 9Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 10Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 11Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 12Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 13Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 14Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
11
Table 5.
Special Function Register Memory Map and Reset Values
HIGH NIBBLE OF SFR ADDRESS
LOW
8
9
A
B
C
D
E
F
0
P0 %
11111111
P1 %
11111111
P2 %
11111111
P3 %
11111111
P4 %
11111111
PSW %
00000000
ACC %
00000000
B %
00000000
1
SP 00000111
2
DPL
00000000
3
DPH
00000000
4
5
6
ADRSL0 #
XXXXXXXX
ADRSL1 #
XXXXXXXX
ADRSL2 #
XXXXXXXX
ADRSL3 #
XXXXXXXX
ADRSL4 #
XXXXXXXX
ADRSL5 #
XXXXXXXX
ADRSL6 #
XXXXXXXX
ADRSL7 #
XXXXXXXX
7
PCON
00000000
P5 #
XXXXXXXX
ADCON
00000000
ADPSS
00000000
ADRSH #
000000XX
8
TCON %
00000000
S0CON %
00000000
IEN0 %
00000000
IP0 %
X0000000
TM2IR %
00000000
S1CON %
00000000
IEN1 %
00000000
IP1 %
00000000
9
TMOD
00000000
S0BUF
XXXXXXXX
CML0
00000000
CMH0
00000000
S1STA #
11111000
PLLCON
00001101
A
TL0
00000000
CML1
00000000
CMH1
00000000
S1DAT
00000000
TM2CON
00000000
XRAMP
XXXXXX00
B
TL1
00000000
CML2
00000000
CMH2
00000000
S1ADR
00000000
CTCON
00000000
FMCON *
000X0000
C
TH0
00000000
CTL0 #
XXXXXXXX
CTH0 #
XXXXXXXX
TML2 #
00000000
PWM0
00000000
D
TH1
00000000
CTL1 #
XXXXXXXX
CTH1 #
XXXXXXXX
TMH2 #
00000000
PWM1
00000000
E
CTL2 #
XXXXXXXX
CTH2 #
XXXXXXXX
STE
11000000
PWMP
00000000
F
CTL3 #
XXXXXXXX
CTH3 #
XXXXXXXX
RTE
00000000
T3
00000000
NOTES:
%
=
Bit addressable register
#
=
Read only register
X
=
Undefined
*
=
FMCON only in P89CE558
6.3
Addressing
The P8xCE558 has five methods for addressing:
• Register
• Direct
• Register-Indirect
• Immediate
• Base-Register plus Index-Register-Indirect
The first three methods can be used for addressing destination
operands. Most instructions have a “destination/source” field that
specifies the data type, addressing methods and operands involved.
For operations other than MOVs, the destination operand is also a
source operand.
Access to memory addresses is as follows:
• Register in one of the four register banks through Register, Direct
or Register-Indirect addressing
• 1024 bytes of internal RAM through Direct or Register-Indirect
addressing.
– Bytes 0–127 of internal RAM may be addressed
directly/indirectly. Bytes 128–255 of internal RAM share their
address location with the SFRs and so may only be addressed
indirectly as data RAM.
– Bytes 0–767 of AUX-RAM can only be addressed indirectly via
MOVX.
• Special Function Register through direct addressing at address
locations 128–255 (see Figure 8).
• External data memory through Register-Indirect addressing
• Program memory look-up tables through Base-Register plus
Index-Register-Indirect addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com