Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 17 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 17 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 13Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 14Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 15Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 16Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 17Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 18Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 19Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 20Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
17
6.6
Analog/Digital Converter (ADC)
The P8xCE558 A/D Converter is a 10-bit, successive approximation
ADC with 8 multiplexed analog input channels. It additionally
contains a high input impedance comparator, a DAC built with 1024
series resistors and analog switches, registers and control logic.
Input voltage range is from AVref– (typical 0V) to AVref+ (typical +5V).
A set of 8 buffer registers (10-bit) store the conversion results of the
proper analog input channel each.
11 Special Function Registers (SFR) perform the user software
interface to the ADC: a control SFR (ADCON), an analog port
scan-select SFR (ADPSS), 8 input channel related conversion result
SFR with the 8 lower result bits (ADRSL0...ADRSL7), one common
result SFR for the upper 2 result bits (ADRSH). An extra SFR (P5)
allows for reading digital input port data as an alternative function of
the 8 analog input pins.
In order to have a minimum of ADC service overhead in the
microcontroller program, the ADC is able to operate autonomously
within its user configurable autoscan function.
The functional diagram of the ADC is shown in Figure 15.
Feature Overview:
• 10-bit resolution.
• 8 multiplexed analog inputs.
• Programmable autoscan of the analog inputs.
• Bit oriented 8-bit scan-select register to select analog inputs.
• Continuous scan or one time scan configurable from 1 to 8 analog
inputs.
• Start of a conversion by software or with an external signal.
• Eight 10-bit buffer registers, one register for each analog input
channel.
• Interrupt request after one channel scan loop.
• Programmable prescaler (dividing by 2, 4, 6, 8) to adapt to
different system clock frequencies.
• Conversion time for one A/D conversion: 15 µs ... 50 µs
• Differential non-linearity
:
DLe
±1 LSB.
• Integral non-linearity
:
ILe
±2 LSB.
• Offset error
:
OSe
±2LSB.
• Gain error
:
Ge
±0.4 %.
• Absolute voltage error
:
Ae
±3 LSB.
• Channel to channel matching
:
Mctc
±1LSB.
• Crosstalk between analog inputs : Ct < –60dB. @100 kHz.
• Monotonic and no missing codes.
• Separated analog (AV
DD, AVSS) and digital (VDD, VSS) supply
voltages.
• Reference voltage at two special pins : AV
REF– and AVREF+.
For further information on the ADC characteristics, refer to the
“DC CHARACTERISTICS” section.
6.1.1
Functional description:
Table 9.
A/D Special Function Registers
SYMBOL
NAME
ACCESS
ADCON
A/D control register
read/write
ADPSS
Analog port scan-select register
read/write
ADRSLn
8 A/D result registers, the 8 lower bits (n: 0...7)
read only
ADRSH
A/D result register, the 2 higher bits
read only
P5
Digital input port (shared with analog inputs)
read only
A/D Control Register ADCON
The Special Function Register ADCON contains control and status
bits for the A/D Converter peripheral block. The reset value of
ADCON is (00000000). Its hardware address is D7H. ADCON is not
bit addressable.
7
6
5
4
3
2
1
0
ADCON (D7H)
ADPR1
ADPR0
ADPOS
ADINT
ADSST
ADCSA
ADSRE
ADSFE
Figure 14. ADC control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com