Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 29 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 29 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 25Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 26Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 27Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 28Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 29Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 30Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 31Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 32Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
29
6.9
Serial I/O
The P8xCE558 is equipped with two independent serial ports:
SIO0 and SI01. SIO0 is the full duplex UART port, identical to the
PCB80C51 serial port. SIO1 is an I2C-bus serial I/O interface with
byte oriented master and slave functions.
6.9.1
SIO0 (UART)
SIO 0 is a full duplex serial I/O port – it can transmit and receive
simultaneously. This serial port is also receive-buffered. It can
commence reception of a second byte before the previously
received byte has been read from the receive register. If, however,
the first byte has still not been read by the time reception of the
second byte is complete, one of the bytes will be lost. The SIO0
receive and transmit registers are both accessed via the S0BUF
special function register. Writing to S0BUF loads the transmit
register, and reading S0BUF accesses to a physically separate
receive register. SIO0 can operate in 4 modes:
Mode 0:
Serial data is transmitted and received through RXD.
TXD outputs the shift clock. 8 data bits are
transmitted/received (LSB first). The baud rate is
fixed at 1/12 of the oscillator frequency. A write into
S0CON should be avoided during a transmission to
avoid spikes on RXD/TXD.
Mode 1:
10 bits are transmitted via TXD or received through
RXD: a start bit (0), 8 data bits (LSB first), and a
stop bit(1). On receive, the stop bit is put into RB8
(S0CON special function register). The baud rate is
variable.
Mode 2:
11 bits are transmitted through TXD or received
through RXD: a start bit (0), 8 data bits (LSB first), a
programmable 9th data bit, and a stop bit (1). On
transmit, the 9th data bit (TB8 in S0CON) can be
assigned the value of 0 or 1. With nominal software,
TB8 can be the parity bit (P in PSW). During a
receive, the 9th data bit is stored in RB8 (S0CON),
and the stop bit is ignored. The baud rate is
programmable to either 1/32 or 1/64 of the oscillator
frequency.
Mode 3:
11 bits are transmitted through TXD or received
through RXD: a start bit (0), 8 data bits (LSB first), a
programmable 9th data bit, and a stop bit (1). Mode
3 is the same as Mode 2 except the baud rate which
is variable in Mode 3.
In all four modes, transmission is initiated by any instruction that
writes to the S0BUF function register. Reception is initiated in Mode
0 when RI = 0 and REN = 1. In the other three modes, reception is
initiated by the incoming start bit provided that REN = 1.
Modes 2 and 3 are provided for multiprocessor communications. In
these modes, 9 data bits are received with the 9th bit written to RB8.
The 9th bit is followed by the stop bit. The port can be programmed
so that with receiving the stop bit, the serial port interrupt will be
activated if, and only if RB8 = 1.
This feature is enabled by setting bit SM2 in S0CON. This feature
may be used in multiprocessor systems.
For more information about how to use the UART in combination
with the registers S0CON, PCON, IEN0, S0BUF and Timer register
refer to the 80C51 Data Handbook IC20.
Figure 28. Serial port control (S0CON) register.
7
6
5
4
3
2
1
0
S0CON (98H)
SM0
SM1
SM2
REN
TB8
RB8
TI
RI
Table 22.
Description of S0CON bits
SYMBOL
BIT
FUNCTION
SM0
S0CON.7
This bit is used to select the serial port mode. See Table 23.
SM1
S0CON.6
This bit is used to select the serial port mode. See Table 23.
SM2
S0CON.5
Enables the multiprocessor communication feature in modes 2 and 3. In mode 2 or 3, if SM2 is set to 1, then
RI will not be activated if the received 9th data bit (RB8) is 0. In mode 1, if SM2 = 1, then RI will not be activated
if a valid stop bit was not received. In mode 0, SM2 should be 0.
REN
S0CON.4
Enables serial reception. Set by software to enable reception. Clear by software to disable reception.
TB8
S0CON.3
The 9th data bit that will be transmitted in modes 2 and 3. Set or clear by software as desired.
RB8
S0CON.2
In modes 2 and 3, RB8 is the 9th data bit that was received. In mode 1, if SM2 = 0, RB8 is the stop bit that was
received. In mode 0, RB8 is not used.
TI
S0CON.1
The transmit interrupt flag. Set by hardware at the end of the 8th bit time in mode 0, or at the beginning of the
stop bit in the other modes, in any serial transmission. Must be cleared by software.
RI
S0CON.0
The receive interrupt flag. Set by hardware at the end of the 8th bit time in mode 0, or halfway through the stop
bit time in the other modes, in any serial reception (except see SM2). Must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com