Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 14 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 14 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 10Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 11Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 12Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 13Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 14Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 15Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 16Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 17Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
14
6.4
I/O Facilities
The P8xCE558 has six 8-bit ports. Ports 0 to 3 are the same as in
the 80C51, with the exception of the additional functions of Port 1.
The parallel I/O function of Port 4 is equal to that of Ports 1, 2 and 3.
Port 5 has a parallel input port function, but has no function as an
output port.
The SDA and SCL lines serve the serial port SIO1 (I2C). Because
the I2C-bus may be active while the device is disconnected from
VDD, these pins, are provided with open drain drivers.
Ports 0, 1, 2, 3, 4 and 5 perform the following alternative functions:
Port 0 :
provides the multiplexed low-order address and data
bus used for expanding the P8xCE558 with standard
memories and peripherals.
Port 1 :
Port 1 is used for a number of special functions:
4 capture inputs (or external interrupt request inputs if
capture information is not utilized)
– external counter input
– external counter reset input
Port 2 :
provides the high-order address bus when the
P8xCE558 is expanded with external Program Memory
and/or external Data Memory.
Port 3 :
pins can be configured individually to provide:
– external interrupt request inputs
– counter inputs
– receiver input and transmitter output of seri port
SIO 0 (UART)
– control signals to read and write external Data
Memory
Port 4 :
can be configured to provide signals indicating a match
between timer counter T2 and its compare registers.
Port 5 :
may be used in conjunction with the ADC interface.
Unused analog inputs can be used as digital inputs. As
Port 5 lines may be used as inputs to the ADC, these
digital inputs have an inherent hysteresis to prevent the
input logic from drawing too much current from the
power lines when driven by analog signals. Channel to
channel crosstalk should be taken into consideration
when both digital and analog signals are simultaneously
input to Port 5 (see DC characteristics).
All ports are bidirectional with the exception of Port 5 which is an
input port.
Pins of which the alternative function is not used may be used as
normal bidirectional I/Os.
The generation or use of a Port 1, Port 3 or Port 4 pin as an
alternative function is carried out automatically by the P8xCE558
provided the associated Special Function Register bit is set HIGH.
The pull-up arrangements of Ports 1 – 4 are shown in Figure 9.
Figure 9. I/O buffers in the P8xCE558 (Ports 1, 2, 3 and 4)
VDD
QN
2 System Clock Periods
Port
Pin
n
From Port
Latch
VDD
VDD
P1
P2
P3
Input Data
Read Port Pin
P1 is turned on for 2 system clock periods after QN makes a 1-to-0 transition.
During this time, P1 also turns on P3 through the inverter to form an additional pull up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com