Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 60 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 60 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 56Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 57Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 58Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 59Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 60Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 61Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 62Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 63Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
60
10.
DC CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
VDD = 5V (± 10%), VSS = 0V, Tamb = 0°C to +70°C (P8xCE558EBx). All voltages with respect to VSS unless otherwise specified.
TEST
LIMITS
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VDD
Supply voltage
4.5
5.5
V
IDD
Supply current operating :
See notes 1 and 2
P89CE558
fCLK = 16MHz
40
mA
P83CE558
VDD = 5.5 V
40
mA
IID
Supply current Idle Mode :
See notes 1 and 3
P89CE558
fCLK = 16MHz
15
mA
P83CE558
VDD = 5.5 V
12
mA
IPD
Supply current Power-down mode
See note 4
2 V < VPD < VDDmax
100
µA
IPD
Supply current Power-down mode:
32 kHz / PLL operation
See note 17
VDD = 5.5 V
100
µA
Inputs
VIL
Input LOW voltage, except EA, SCL, SDA
–0.5
0.2VDD–0.1
V
VIL1
Input LOW voltage to EA
–0.5
0.2VDD–0.3
V
VIL2
Input LOW voltage to SCL, SDA 5
–0.5
0.3VDD
V
VIH
Input HIGH voltage, except XTAL1, RSTIN, SCL, SDA, ADEXS
0.2VDD+0.9
VDD+0.5
V
VIH1
Input HIGH voltage, XTAL1, RSTIN, ADEXS
0.7VDD
VDD+0.5
V
VIH2
Input HIGH voltage, SCL, SDA 5
0.7VDD
6.0
V
IIL
Input current LOW level, Ports 1, 2, 3, 4
VIN = 0.45 V
–50
µA
ITL
Transition current HIGH to LOW, Ports 1, 2, 3, 4
See note 6
–650
µA
±ILI1
Input leakage current, Port 0, EA, ADEXS, EW, SELXTAL1
0.45 V < VI < VDD
10
µA
±ILI2
Input leakage current, SCL, SDA
0 V < VI < 6 V
0 V < VDD < 5.5 V
10
µA
±ILI3
Input leakage current, Port 5
0.45 V < VI < VDD
1
µA
Outputs
VOL
Output low voltage, Ports 1, 2, 3, 4
IOL = 1.6mA7
0.45
V
VOL1
Output low voltage, Port 0, ALE, PSEN, PWM0,
PWM1, RSTOUT
IOL = 3.2mA7
0.45
V
VOL2
Output low voltage, SCL, SDA
IOL = 3.0mA7, 19
0.4
V
IOL = 6.0mA7, 19
0.6
VOH
Output high voltage, Ports 1, 2, 3, 4
VDD = 5 V ± 10%
–IOH = 60µA
2.4
V
–IOH = 25µA
0.75VDD
V
–IOH = 10µA
0.9VDD
V
VOH1
Output high voltage (Port 0 in external bus mode, ALE,
PSEN, PWM0, PWM1, RSTOUT) 8
VDD = 5 V ± 10%
–IOH = 800µA
2.4
V
–IOH = 300µA
0.75VDD
V
–IOH = 80µA
0.9VDD
V
VHYS
Hysteresis of Schmitt Trigger inputs SCL, SDA (Fast-mode)
0.05VDD 20
V
NOTES: See Page 62.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com