Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 30 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 30 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 26Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 27Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 28Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 29Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 30Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 31Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 32Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 33Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
30
Table 23.
Description of S0CON bits
SM0
SM1
MODE
DESCRIPTION
BAUD RATE
0
0
0
Shift register
fCLK/12
0
1
1
8-bit UART
variable
1
0
2
9-bit UART
fCLK/64 or fCLK/32
1
1
3
9-bit UART
variable
6.9.2
SIO1 (I2C-bus Interface)
The SIO1 of the P8xCE558 provides the fast-mode, which allows a
fourthfold increase of the bitrate up to 400 kHz. Nevertheless it is
downward compatible, i.e. it can be used in a 0 to 100 Kbit/s I2C bus
system.
Except from the bit rate selection (see Table 25) and the timing of
the SCL and SDA signals (see AC electrical characteristics in
section 11) the SIO circuit is the same as described in detail in the
80C51 Data Handbook IC20 for the 8xC552 microcontroller.
The I2C-bus is a simple bidirectional 2-wire bus for efficient inter-IC
data exchange. Features of the I2C-bus are:
• Only two bus lines are required: a serial clock line (SCL) and a
serial data line (SDA)
• Each device connected to the bus is software addressable by a
unique address
• Masters can operate as Master-transmitter or as Master-receiver
• It’s a true multi-master bus including collision detection and
arbitration to prevent data corruption if two or more masters
simultaneously initiate data transfer
• Serial clock synchronization allows devices with different bit rates
to communicate via the same serial bus
• ICs can be added to or removed from an I2C-bus system without
affecting any other circuit on the bus
• Fault diagnostics and debugging are simple; malfunctions can be
immediately traced
For more information on the I2C-bus specification (including
fast-mode) please refer to the Philips publication number 9398 393
40011 and/or the 80C51 Data Handbook IC20.
The on-chip I2C logic provides a serial interface that meets the
I2C-bus specification, supporting all I2C-bus modes of operation,
they are:
• Master transmitter
• Master receiver
• Slave transmitter
• Slave receiver
The SI01 logic performs a byte oriented data transport, clock
generation, address recognition and bus control arbitration are all
controlled by hardware. Via two pins the external I2C-bus is
interfaced to the SIO1 logic:
SCL serial clock I/O and SDA serial data I/O, (see Special Function
Register bit S1CON.6/ENS1 for enabling the SIO1 logic).
The SIO1 logic handles byte transfer autonomously. It keeps track of
the serial transfers, and a status register (S1STA) reflects the status
of SIO1 and the I2C-bus.
Via the following four Special Function Registers the CPU interfaces
to the I2C logic.
S1CON
control register. Bit addressable by the CPU
S1STA
status register whose contents may be used as a
vector to service routines.
S1DAT
data shift register. The data byte is stable as long
as S1CON.3/SI=1.
S1ADR
slave address register. It’s LSB enables/ disables
general call address recognition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com