Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 23 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 23 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 19Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 20Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 21Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 22Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 23Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 24Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 25Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 26Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
23
Figure 20. Timer/Counter mode control (TCON) register.
7
6
5
4
3
2
1
0
TCON (88H)
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
Table 14.
Description of TCON bits
SYMBOL
BIT
FUNCTION
TF1
TCON.7
Timer 1 overflow flag. Set by hardware on Timer/Counter overflow. Cleared by hardware when processor
vectors to interrupt routine.
TR1
TCON.6
Timer 1 run control bit. Set/cleared by software to turn Timer/Counter on/off.
TF0
TCON.5
Timer 0 overflow flag. Set by hardware on Timer/Counter overflow. Cleared by hardware when processor
vectors to interrupt routine.
TR0
TCON.4
Timer 0 run control bit. Set/cleared by software to turn Timer/Counter on/off.
IE1
TCON.3
Interrupt 1 edge flag. Set by hardware when external interrupt edge detected. Cleared when interrupt
processed.
IT1
TCON.2
Interrupt 1 type control bit. Set/cleared by software to specify falling edge/low level triggered external interrupts.
IE0
TCON.1
Interrupt 0 edge flag. Set by hardware when external interrupt edge detected. Cleared when interrupt
processed.
IT0
TCON.0
Interrupt 0 type control bit. Set/cleared by software to specify falling edge/low level triggered external interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com