Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 33 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 33 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 29Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 30Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 31Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 32Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 33Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 34Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 35Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 36Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
33
When SIO1 is in a master mode serial clock frequency is
determined by the clock rate bits CR2, CR1 and CR0. The various
bit rates are shown in Table 25.
Table 25.
Selection of I2C-bus bit rate
BIT RATE (kHz) at fCLK
CR2
CR1
CR0
12MHz
16MHz
1
0
0
50
66.7
1
0
1
3.75
5
1
1
0
75
100
1
1
1
100
–
0
0
0
200 1
266.7 1
0
0
1
7.5
10
0
1
0
300 1
400 1
0
1
1
400 1
–
NOTE:
1. These bit rates are for “fast-mode” I2C bus applications and cannot be used for bit rates up to 100 kbit/sec.
The data shown in Table 25 do not apply to SIO1 in a slave mode. In
the slave modes, SIO1 will automatically synchronize with any clock
frequency up to 400kHz.
Serial status register S1STA
S1STA is a read only register.
The contents of the status register may be used as a vector to a
service routine. This optimizes the response time of the software
and consequently that of the I2C-bus.
Figure 31. Serial status (S1STA) register.
7
6
5
4
3
2
1
0
S1STA (D9H)
SC4
SC3
SC2
SC1
SC0
0
0
0
Table 26.
Description of S1STA bits
BIT
FUNCTION
S1STA.7 to 3
5-bit status code
S1STA.2 to 0
These bits are held LOW (for service routine vector increment 8)
The following is a list of the status codes:
Table 27.
MST/TRX mode
S1STA VALUE
DESCRIPTION
08H
A START condition has been transmitted
10H
A repeated START condition has been transmitted
18H
SLA and W have been transmitted, ACK has been received
20H
SLA and W have been transmitted, ACK received
28H
DATA and S1DAT has been transmitted, ACK received
30H
DATA and S1DAT has been transmitted, ACK received
38H
Arbitration lost in SLA, R/W or DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com