Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 15 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 15 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 11Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 12Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 13Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 14Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 15Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 16Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 17Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 18Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
15
6.5
Pulse Width Modulated Outputs
The P8xCE558 contains two pulse width modulated output channels
(see Figure 13). These channels generate pulses of programmable
length and interval. The repetition frequency is defined by an 8-bit
prescaler PWMP, which supplies the clock for the counter. The
prescaler and counter are common to both PWM channels. The 8-bit
counter counts module 255, i.e., from 0 to 254 inclusive. The value
of the 8-bit counter is compared to the contents of two registers:
PWM0 and PWM1. Provided the contents of either of these registers
is greater than the counter value, the corresponding PWM0 or
PWM1 output is set LOW. If the contents of these registers are
equal to, or less than the counter value, the output will be HIGH. The
pulse-width-ratio is therefore defined by the contents of the registers
PWM0 and PWM1. The pulse-width-ratio is in the range of 0/255 to
255/255 and may be programmed in increments of 1/255.
Buffered PWM outputs may be used to drive DC motors. The
rotation speed of the motor would be proportional to the contents of
PWMn. The PWM outputs may also be configured as a dual DAC. In
this application, the PWM outputs must be integrated using
conventional operational amplifier circuitry. If the resulting output
voltages have to be accurate, external buffers with their own analog
supply should be used to buffer the PWM outputs before they are
integrated. The repetition frequency fpwm, at the PWMn outputs is
give by:
fpwm
+
f
CLK
2
(1
) PWMP)
255
This gives a repetition frequency range of 123 Hz to 31.4 kHz (fCLK
= 16 MHz). By loading the PWM registers with either 00H or FFH,
the PWM channels will output a constant HIGH or LOW level,
respectively. Since the 8-bit counter counts modulo 255, it can never
actually reach the value of the PWM registers when they are loaded
with FFH.
When a compare register (PWM0 or PWM1) is loaded with a new
value, the associated output is updated immediately. It does not
have to wait until the end of the current counter period. Both PWMn
output pins are driven by push-pull drivers. These pins are not used
for any other purpose.
PWMP (FEH)
PWMP.7
PWMP.6
PWMP.5
PWMP.4
PWMP.3
PWMP.2
PWMP.1
PWMP.0
Figure 10. Prescaler frequency control register PWMP.
7
6
5
4
3
2
1
0
Table 6.
Description of PWMP Bits
BIT
FUNCTION
PWMP.0 to 7
Prescaler division factor = (PWMP) + 1
NOTE:
1. Reading PWMP gives the current reload value. The actual count of the prescaler cannot be read.
PWM0 (FCH)
PWM0.7
PWM0.6
PWM0.5
PWM0.4
PWM0.3
PWM0.2
PWM0.1
PWM0.0
Figure 11. Pulse width register PWM0.
7
6
5
4
3
2
1
0
Table 7.
Description of PWM0 bits
BIT
FUNCTION
PWM0.0 to 7
LOW/HIGH ration of PWM0 signal =
(PWM0)
255 – (PWM0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com