Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 67 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 67 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 63Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 64Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 65Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 66Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 67Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 68Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 69Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 70Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
67
tCLKL
tHIGH
Figure 57. External Clock Drive waveform
VIH1
VIH1
0.8V
tCLK
VIH1
VIH1
0.8V
tCLKH
tCLKR
tCLKF
2.4 V
0.45 V
2.0 V
0.8 V
NOTE:
Figure 58. AC Testing Input/Output
2.4 V
NOTE:
Figure 59. AC Testing, Float Waveform
AC inputs during testing are driven at 2.4V for a logic ‘HIGH’ and 0.45V for a logic
‘LOW’. Timing measurements are made at 2.0 V for a logic ‘HIGH’ and 0.8 V for a
logic ‘LOW’.
2.4 V
0.45 V
0.45 V
Float
2.0 V
0.8 V
2.0 V
0.8 V
Test Points
2.0 V
0.8 V
sources 400
mA at the voltage test levels.
The float state is defined as the point at which a port 0 pins sinks 3.2 mA or
tPXIZ
Figure 60. External Program Memory Read Cycle
ALE
PSEN
PORT 0
PORT 2
A8–A15
A8–A15
A0–A7
A0–A7
tAVLL
tPXIX
tLLAX
INSTR IN
tPLIV
tLHLL
tPLPH
tLLIV
tPLAZ
tLLPL
tAVIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com