Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P83CE558EBB/YYY Arkusz danych(PDF) 27 Page - NXP Semiconductors

Numer części P83CE558EBB/YYY
Szczegółowy opis  Single-chip 8-bit microcontroller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83CE558EBB/YYY Arkusz danych(HTML) 27 Page - NXP Semiconductors

Back Button P83CE558EBB/YYY Datasheet HTML 23Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 24Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 25Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 26Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 27Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 28Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 29Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 30Page - NXP Semiconductors P83CE558EBB/YYY Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 72 page
background image
Philips Semiconductors
Preliminary specification
P83CE558/P80CE558/P89CE558
Single-chip 8-bit microcontroller
1996 Aug 06
27
Figure 25. Set enable register (STE).
7
6
5
4
3
2
1
0
STE (EEH)
TG47
TG46
SP45
SP44
SP43
SP42
SP41
SP40
Table 20.
Description of STE bits
SYMBOL
BIT
FUNCTION
TG47
STE.7
If “1” then P4.7 is reset on the next toggle, if LOW P4.7 is set on the next toggle
TG46
STE.6
If “1” then P4.6 is reset on the next toggle, if LOW P4.6 is set on the next toggle
SP45
STE.5
If “1” then P4.5 is set on a match between CM0 and Timer T2
SP44
STE.4
If “1” then P4.4 is set on a match between CM0 and Timer T2
SP43
STE.3
If “1” then P4.3 is set on a match between CM0 and Timer T2
SP42
STE.2
If “1” then P4.2 is set on a match between CM0 and Timer T2
SP41
STE.1
If “1” then P4.1 is set on a match between CM0 and Timer T2
SP40
STE.0
If “1” then P4.0 is set on a match between CM0 and Timer T2
Figure 26. Reset/Toggle enable register (RTE).
7
6
5
4
3
2
1
0
RTE (EFH)
TP47
TP46
RP45
RP44
RP43
RP42
RP41
RP40
Table 21.
Description of RTE bits
SYMBOL
BIT
FUNCTION
TP47
RTE.7
If “1” then P4.7 toggles on a match between CM2 and Timer T2
TP46
RTE.6
If “1” then P4.6 toggles on a match between CM2 and Timer T2
RP45
RTE.5
If “1” then P4.5 toggles on a match between CM1 and Timer T2
RP44
RTE.4
If “1” then P4.4 toggles on a match between CM1 and Timer T2
RP43
RTE.3
If “1” then P4.3 toggles on a match between CM1 and Timer T2
RP42
RTE.2
If “1” then P4.2 toggles on a match between CM1 and Timer T2
RP41
RTE.1
If “1” then P4.1 toggles on a match between CM1 and Timer T2
RP40
RTE.0
If “1” then P4.0 toggles on a match between CM1 and Timer T2
For more information concerning the TM2CON, CTCON, TM2IR and
the STE/RTE registers see IC20 handbook, chapter “80C51 family
hardware description”.
Port 4 can be read and written by software without affecting the
toggle, set and reset signals. At a byte overflow of the least
significant byte, or at a 16-bit overflow of the timer/counter, an
interrupt sharing the same interrupt vector is requested. Either one
or both of these overflows can be programmed to request an
interrupt.
All interrupt flags must be reset by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com